Electronic Components Datasheet Search
  English  ▼

X  

SKHU Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SKHU
Description  Soldering of the frame realizes higher solder strength
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKHU Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SKHU Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKHU Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKHU Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
239
239
検
 
出
Soldering of the frame realizes higher solder strength
Side Push Type with 1.55mm Height (Surface Mount Type)
SKTD
Circuit Arrangement
■ Typical Specifications
Items
Specifications
Rating(max.)
50mA 12V DC
Rating(min.)
10μA 1V DC
Initial contact resistance
500mΩ max.
Travel(mm)
0.15
Protective structure ※
IP67 equivalent
4,500
Japan
Export
Operating force
Operating life
(5mA 5V DC)
Product No.
■ Product Line
Operating direction
Side push
1.6N
SKTDLDE010
200,000 cycles
Dimensions
Unit:mm
PC board mounting hole and land dimensions
(Viewed from switch mounting face)
Style
Packing Specifications
Taping
Reel size
Unit:mm
4,500
Minimum order unit(pcs.)
ø380
13.5
1.5
Guide bosses
3.9
1.5
Stem
3.7
2.3
1.15
1.15
1.4
2.1
0.7
0.7
2- Ø 0.55
2- R
0.4
Through-hole
1
2
①
②
Number of packages(pcs.)
Tape width
(mm)
Export package
measurements(mm)
1 reel
1 case / Japan 1 case / export packing
4,500
45,000
45,000
12
401×401×214
For reels of 330mm diameter, please inquire.
Note
※ Assumes the switch is left alone without being operated. Under the
specified conditions, dust and water ingress with a significant impact on
the switch's on-off function is prevented.
IP67 dust and water resistance is guaranteed for the switch alone and
performance may not be guaranteed depending on the mounting conditions
and usage.
1.5
Guide bosses
3.9
1.5
Stem
3.7
2.3
1.15
1.15
1.4
2.1
0.7
0.7
2- Ø 0.55
2- R
0.4
Through-hole
1
2
Refer to P.259 for soldering conditions.


Similar Part No. - SKHU

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKHUAKE010 ALPS-SKHUAKE010 Datasheet
471Kb / 4P
A wide variety of products including dust-proof type.
SKHUAKE010 ALPS-SKHUAKE010 Datasheet
789Kb / 4P
A wide variety of products including dust-proof type
SKHUALE010 ALPS-SKHUALE010 Datasheet
471Kb / 4P
A wide variety of products including dust-proof type.
SKHUALE010 ALPS-SKHUALE010 Datasheet
789Kb / 4P
A wide variety of products including dust-proof type
SKHUAME010 ALPS-SKHUAME010 Datasheet
471Kb / 4P
A wide variety of products including dust-proof type.
More results

Similar Description - SKHU

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
S2080 MA-COM-S2080 Datasheet
45Kb / 2P
Moisture Effects on the Soldering of Plastic Encapsulated Devices
logo
AAEON Technology
ARM-LA0115 AAEON-ARM-LA0115 Datasheet
182Kb / 1P
SUSPA Series System Ensures The Stability Of Product And Strength Of Quality
logo
Bourns Electronic Solut...
CR0603-FX-1001-ELF BOURNS-CR0603-FX-1001-ELF Datasheet
218Kb / 5P
Suitable for all types of soldering processes
CR0402-FX-1150GLF BOURNS-CR0402-FX-1150GLF Datasheet
138Kb / 3P
Suitable for most types of soldering processes
logo
List of Unclassifed Man...
SP-301 ETC2-SP-301 Datasheet
883Kb / 1P
Solder Pots For lead-Free Soldering
logo
TDK Electronics
MLK1005S1N0ST000 TDK-MLK1005S1N0ST000 Datasheet
127Kb / 10P
With the adoption of a giga-spiral laminated structure, a self-resonant frequency higher than that of the MLG structure can be obtained,
logo
NEC
M100 NEC-M100 Datasheet
373Kb / 2P
AN ENTRY-LEVEL DEVICE WITH THE OPERABILITY AND FUNCTIONALITY OF A HIGHER CLASS
logo
Shanghai Leiditech Elec...
HL75-250F LEIDITECH-HL75-250F Datasheet
502Kb / 2P
Radial leaded devices, higher rated voltage of 75V
logo
First Silicon Co., Ltd
GBJ6A FS-GBJ6A Datasheet
247Kb / 2P
High case dielectric strength of 2500 V
logo
WECO ELECTRICAL CONNECT...
983-ML-2.8 WECO-983-ML-2.8 Datasheet
85Kb / 1P
Screw/solder connector block with soldering tags
03.19
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com