Electronic Components Datasheet Search
  English  ▼

X  

CJ4 Datasheet(PDF) 3 Page - Japan Aviation Electronics Industry, Ltd.

Part # CJ4
Description  COAXIAL CONTACTS FOR D sub CONNECTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

CJ4 Datasheet(HTML) 3 Page - Japan Aviation Electronics Industry, Ltd.

  CJ4 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. CJ4 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. CJ4 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. CJ4 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. CJ4 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
92
COAXIAL CONNECTORS
CJ4 Series
■JACK(For Socket Connector)
■PLUG(For Pin Connector)
Dimensions in millimeters
■JACK・CONTACTS
φ6
12.2
A
B
C Ref.
(SHRINKAGE TUBE)
(Note)The picture on the above shows the CJ4F001D37.
The shapes of other models vary slightly.
■PLUG・CONTACTS
《Applicable connectors》
Applicable to general-purpose rectangular D sub connectors of D*M series with special contact arrangements.
For details, see the additional documents.
Also applicable to board-to-cable connection
(D*ML series).
For details, contact us.
■Part Number/Dimensions
Cable Type(Equivalent)
1.5D-2V
1.5D-2W
0.085 inch Semi-flexible
CJ4F001D37
CJ4F002D37
CJ4F003DB2
Part Number
A
16.9 Ref.
16.9 Ref.
12.4 Ref.
B
9
9
5
C
Ref.
―
20
13
12
A
B
C Ref.
(SHRINKAGE TUBE)
φ6
(Note)The picture on the above shows the CJ4A001D37.
The shapes of other models vary slightly.
■Part Number/Dimensions
Cable Type(Equivalent)
1.5D-2V
1.5D-2W
0.085 inch Semi-flexible
CJ4A001D37
CJ4A002D37
CJ4A003DB2
Part Number
A
16.9 Ref.
16.9 Ref.
12.4 Ref.
B
9
9
5
C
Ref.
―
20
13



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com