Electronic Components Datasheet Search
  English  ▼

X  

SKSL Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SKSL
Description  Soldering of the frame realizes higher solder strength
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKSL Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SKSL Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKSL Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKSL Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
191
191
検
 
出
Type
Sharp Feeling Type
Surface Mount
Series
SKHU
SKTD
SKSN
SKTG
SKSL
SKSC
SKRT
SKRV
SKRH
Photo
Features
—
Low–profile Mid-mount
Half-mount
Low–profile
—
4–direction switch
+push switch
Water-proof
○
●
—
●
—
—
—
—
—
Dust-proof
○
●
—
●
—
—
—
—
—
IP standard
—
67 equivalency
—
67 equivalency
—
—
—
—
—
Operating
direction
Top push
●
—
—
—
—
—
—
●
●
Side push
—
●
●
●
●
●
●
●
●
Dimensions
(mm)
W
6.2
3.9
6.2
5.2
4.5
3.5
4.5
6.45
7.35
D
6.3
2.9
3
3.5
2.6
3.55
3.4
6.4
7.5
H
2.5/3.1
1.55
3.5
1.55
2.2
1.25
3.3
4
5
Operation
force
coverage
to 1N
See the relevant pages for
respective product description
1N to 2N
2N to 3N
3N to 4N
4N to 5N
Travel(mm)
0.25
0.15
0.2
0.15
0.2
See the relevant pages for
respective product description
Ground terminal
●
●
●
●
●
○
●
●
●
Operating temperature range −40℃ to +85℃ −30℃ to +85℃ −40℃ to +85℃
−30℃ to +85℃
−40℃ to +90℃ −20℃ to +70℃ −40℃ to +85℃
Automotive use
○
—
—
—
—
—
—
—
—
Life Cycle
Electrical
performance
Rating(max.)
(Resistive load)
50mA 12V DC
Rating(min.)
(Resistive load)
10μA 1V DC
Insulation resistance
100MΩ min. 100V DC 1min.
Voltage proof
250V AC 1min. 100V AC 1min.
250V AC 1min.
100V AC 1min.
250V AC 1min.
100V AC 1min.
Durability
Vibration
10 to 55 to 10Hz/min., the amplitude is 1.5mm for all the frequencies,
in the 3 direction of X, Y and Z for 2 hours respectively
Lifetime
Shall be in accordance with individual specifications.
Environmental
performance
Cold
−40℃ 96h
−30℃ 96h −40℃ 96h
Dry heat
90℃ 96h
85℃ 96h
90℃ 96h
85℃ 96h
90℃ 96h
80℃ 96h
90℃ 96h
Damp heat
60℃, 90 to 95%RH 96h
Page
237
239
240
241
242
243
245
453
454
TACT SwitchTM Soldering Conditions・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 259
TACT SwitchTM Cautions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 260
Notes
1. The automotive operating temperature range to be individually discussed upon request.
2. ● Indicates applicability to all products in the series, while ○ indicates applicability to some products in the series.
W:Width. The most outer dimension excluding terminal portion.
D:Depth. The most outer dimension excluding terminal portion.
H:Height. The minimum dimension if there are variances.
NEW



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com