Electronic Components Datasheet Search
  English  ▼

X  

CP03 Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # CP03
Description  65GHz Compatible SMPM Coaxial Connector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

CP03 Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  CP03 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. CP03 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. CP03 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. CP03 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. CP03 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
COMPONENTS PRODUCT INFORMATION
CONNECTOR
NEW
MB-0262-2
September 2013
JAE PMK Div. Proprietary. Copyright © 2013, Japan Aviation Electronics Industry, Ltd.
1/5
65GHz Compatible SMPM Coaxial Connector
CP03 Series
Part Number:
CP03CP03F01
CP03N2A1D00
CP03N4A1D00
SMPM Coaxial Connector
RoHS Compliant
Jack Adapter
CP03CP03F01
4-Row Plug Receptacle
CP03N4A1D00
Jack Adapter
CP03CP03F01
2 Row-Plug Receptacle
CP03N2A1D00
The “CP03 Series” is a SMPM coaxial connector with superior high-frequency
performance covering the frequency band up to 65GHz.
It is available in end launch type 2-row plug receptacle (CP03N2A1D00), 4-row plug
receptacle (CP03N4A1D00) and jack adapter type (CP03CP03F01).
The CP03 Series is ideal for applications requiring high-speed electrical signal
connection with higher volume such as the electrical signal input interface of optical
communication devices.
MIL-STD-348A compliant, ultra compact coaxial connector.
Compatible with the high-frequency band up to 65GHz.
Floating connection between boards is made possible by 3-part mating configuration,
consisting of a pair of plug receptacles and jack adapters.
Push-on lock method for easy mating and unmating.
Optical communication devices, measuring devices, wireless devices, high-frequency
modules, etc.
Overview
Applicable Markets
Features


Similar Part No. - CP03

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CP030 TELEDYNE-CP030 Datasheet
3Mb / 16P
High Definition Oscilloscopes
CP030 TELEDYNE-CP030 Datasheet
847Kb / 4P
Current Probes
logo
Jiangsu High diode Semi...
CP0300SC HDSEMI-CP0300SC Datasheet
1Mb / 5P
SMB Plastic-Encapsulate Diodes
logo
AVX Corporation
CP0302A5425ENTR AVX-CP0302A5425ENTR Datasheet
101Kb / 2P
Thin Film Directional Couplers WiFi Band High Directivity
CP0302P5425ENTR AVX-CP0302P5425ENTR Datasheet
101Kb / 2P
Thin Film Directional Couplers WiFi Band High Directivity
More results

Similar Description - CP03

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2159 UMS-CHA2159 Datasheet
203Kb / 6P
55-65GHz Low Noise / Medium Power Amplifier
MPC-P09828 UMS-MPC-P09828 Datasheet
128Kb / 6P
55-65GHz Single Side Band Mixer
MFC-P09828 UMS-MFC-P09828 Datasheet
128Kb / 6P
55-65GHz Single Side Band Mixer
CHM1298-99F UMS-CHM1298-99F Datasheet
261Kb / 6P
55-65GHz Single Side Band Mixer
CHA2159 UMS-CHA2159_15 Datasheet
136Kb / 6P
55-65GHz Low Noise / Medium Power Amplifier
CHM1298-99F UMS-CHM1298-99F_15 Datasheet
261Kb / 6P
55-65GHz Single Side Band Mixer
logo
Japan Aviation Electron...
CB1 JAE-CB1 Datasheet
124Kb / 3P
IEC60169-29(Type 0.1/2.3) Standard Compatible Coaxial Connector
logo
Amphenol Corporation
7032-6351-6353 AMPHENOL-7032-6351-6353 Datasheet
63Kb / 1P
SMPM FEMALE TO SMPM FEMALE STD. FLEXTRA CABLE ASSEMBLY
logo
Hirose Electric
SMPM HIROSE-SMPM Datasheet
170Kb / 1P
SMPM Series 65GHz, push-on lock coaxial connectors
logo
Amphenol Corporation
7032-7154 AMPHENOL-7032-7154 Datasheet
77Kb / 1P
SMPM FEMALE TO SMPM FEMALE FOR .085 CABLE ASSEMBLY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com