Electronic Components Datasheet Search
  English  ▼

X  

DC2 Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # DC2
Description  HDMI Standard Type C HDMI Mini Connector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

DC2 Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  DC2 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. DC2 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. DC2 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. DC2 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. DC2 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
JAE PMK Div. Proprietary. Copyright © 2012, Japan Aviation Electronics Industry, Ltd.
NEW
COMPONENTS PRODUCT INFORMATION
CONNECTOR
MB-0186-2
March 2012
Recently for portable devices, compatibility with high-definition digital video is becoming
the standard. The DC2 series is a connector compliant with the HDMI Type C standard
digital interface.
*HDMI stands for High-Definition Multimedia Interface and is a registered trademark of
HDMI Licensing, LLC.
 0.4mm pitch, 19 position, compact connector
 Impedance-matching design compliant with high-speed transmission.
 Pin alignment designed for low cross-talk.
 Available in shell DIP type and all SMT type.
Features
Applicable Markets
High-definition camcorder, digital still camera (single-lens reflex, compact), tablet PC,
portable game device, etc.
No. of Contacts: 19 position
Contact Resistance: Contact Area, 30m
 max.; Shell Area, 50m  max.
Dielectric Withstanding Voltage: AC500Vr.m.s. per minute (when not mated)
Operating Temperature: -20 Deg. C to 85 Deg. C
Rated Current: 0.5A max per contact
Durability: 5,000 mating cycles
Impedance: 100
 25% (connector area)
General Specifications
DC2 Series
HDMI Standard Type C HDMI Mini Connector
RoHS Compliant


Similar Part No. - DC2

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
DC2 CHERRY-DC2 Datasheet
246Kb / 3P
SUBMINIATURE — SEALED
logo
Integrated Power Design...
DC2-110 IPDPOWER-DC2-110 Datasheet
399Kb / 2P
110 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. W 10/06/2022
DC2-110-1001 IPDPOWER-DC2-110-1001 Datasheet
399Kb / 2P
110 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. W 10/06/2022
DC2-110-1002 IPDPOWER-DC2-110-1002 Datasheet
399Kb / 2P
110 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. W 10/06/2022
DC2-110-1003 IPDPOWER-DC2-110-1003 Datasheet
399Kb / 2P
110 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. W 10/06/2022
More results

Similar Description - DC2

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
100042MD019SX06ZA SUYIN-USA-100042MD019SX06ZA Datasheet
175Kb / 2P
HDMI Solder Type Female Connector
100098FD019SX01ZA SUYIN-USA-100098FD019SX01ZA Datasheet
251Kb / 3P
HDMI Solder Type male Connector
100098FD019SX02ZA SUYIN-USA-100098FD019SX02ZA Datasheet
167Kb / 2P
HDMI Solder Type Female Connector
100098FJ019SX00ZA SUYIN-USA-100098FJ019SX00ZA Datasheet
226Kb / 2P
HDMI Solder Type male Connector
logo
Japan Aviation Electron...
DC1 JAE-DC1 Datasheet
333Kb / 9P
HDMI Standard Digital Interface Connector
logo
Tripp Lite. All Rights ...
P142000MINI TRIPPLITE-P142000MINI Datasheet
493Kb / 2P
HDMI to Mini HDMI Adapter, 1080p (F-M)
logo
Adam Technologies, Inc.
HDMI-S-V-SMT-MF-WOB-15 ADAM-TECH-HDMI-S-V-SMT-MF-WOB-15 Datasheet
86Kb / 1P
HDMI CONNECTOR
MHDMI-S-RA-SMT ADAM-TECH-MHDMI-S-RA-SMT Datasheet
93Kb / 1P
MINI HDMI CONNECTOR
logo
Wurth Elektronik GmbH &...
685119136923 WURTH-685119136923 Datasheet
786Kb / 2P
ANGLED SMT MINI HDMI
logo
Tripp Lite. All Rights ...
P142-000-MINI TRIPPLITE-P142-000-MINI Datasheet
161Kb / 2P
HDMI to Mini HDMI Adapter, 1080p (F/M)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com