Electronic Components Datasheet Search
  English  ▼

X  

BD240A Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BD240A
Description  isc Silicon PNP Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BD240A Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BD240A Datasheet HTML 1Page - Inchange Semiconductor Company Limited BD240A Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon PNP Power Transistor
BD240/A/B/C
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VCEO(SUS)
Collector-Emitter
Sustaining Voltage
BD240
IC= -30mA; IB= 0
-45
V
BD240A
-60
BD240B
-80
BD240C
-100
VCE(sat)
Collector-Emitter Saturation Voltage
IC= -1A; IB= -0.2A
-0.7
V
VBE(on)
Base-Emitter On Voltage
IC= -1A; VCE= -4V
-1.3
V
ICES
Collector
Cutoff Current
BD240
VCE= -45V; VBE= 0
-0.2
mA
BD240A
VCE= -60V; VBE= 0
BD240B
VCE= -80V; VBE= 0
BD240C
VCE= -100V; VBE= 0
ICEO
Collector
Cutoff Current
BD240/A
VCE= -30V; IB= 0
-0.3
mA
BD240B/C
VCE= -60V; IB= 0
IEBO
Emitter Cutoff Current
VEB= -5V; IC=0
-1.0
mA
hFE-1
DC Current Gain
IC= -0.2A; VCE= -4V
40
hFE-2
DC Current Gain
IC= -1A; VCE= -4V
15



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com