Electronic Components Datasheet Search
  English  ▼

X  

BD242C Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BD242C
Description  isc Silicon PNP Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BD242C Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BD242C Datasheet HTML 1Page - Inchange Semiconductor Company Limited BD242C Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Silicon PNP Power Transistor
BD242/A/B/C
DESCRIPTION
·
DC Current Gain -hFE = 25(Min)@ IC= -1.0A
·
Collector-Emitter Sustaining Voltage-
: VCEO(SUS) = -45V(Min)- BD242; -60V(Min)- BD242A
-80V(Min)- BD242B; -100V(Min)- BD242C
·
Complement to Type BD241/A/B/C
APPLICATIONS
·
Designed for use in general purpose power amplifier and
switching applications
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
BD242
-55
V
BD242A
-70
BD242B
-90
BD242C
-115
VCEO
Collector-Emitter Voltage
BD242
-45
V
BD242A
-60
BD242B
-80
BD242C
-100
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current-Continuous
-3.0
A
ICM
Collector Current-Peak
-5.0
A
IB
Base Current
-1.0
A
PC
Collector Power Dissipation
@ TC=25℃
40
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-65~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
3.125
℃
/W


Similar Part No. - BD242C

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BD242C MOSPEC-BD242C Datasheet
133Kb / 3P
POWER TRANSISTORS(3A,40W)
logo
Motorola, Inc
BD242C MOTOROLA-BD242C Datasheet
139Kb / 6P
Complementary Silicon Plastic Power Transistors
logo
ON Semiconductor
BD242C ONSEMI-BD242C Datasheet
108Kb / 6P
POWER TRANSISTORS COMPLEMENTARY SILICON
logo
Power Innovations Ltd
BD242C POINN-BD242C Datasheet
87Kb / 6P
PNP SILICON POWER TRANSISTORS
logo
STMicroelectronics
BD242C STMICROELECTRONICS-BD242C Datasheet
66Kb / 4P
COMPLEMENTARY SILICON POWER TRANSISTORS
Jun-1997
More results

Similar Description - BD242C

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SA743 ISC-2SA743 Datasheet
104Kb / 2P
isc Silicon PNP Power Transistor
BDX20 ISC-BDX20 Datasheet
77Kb / 2P
isc Silicon PNP Power Transistor
BD908 ISC-BD908 Datasheet
106Kb / 2P
isc Silicon PNP Power Transistor
2SA1758 ISC-2SA1758 Datasheet
102Kb / 2P
isc Silicon PNP Power Transistor
2SA744 ISC-2SA744 Datasheet
72Kb / 2P
isc Silicon PNP Power Transistor
2SA1301 ISC-2SA1301 Datasheet
78Kb / 2P
isc Silicon PNP Power Transistor
2SA1386 ISC-2SA1386 Datasheet
148Kb / 3P
isc Silicon PNP Power Transistor
MJE2901T ISC-MJE2901T Datasheet
101Kb / 2P
isc Silicon PNP Power Transistor
2SA671 ISC-2SA671 Datasheet
113Kb / 2P
isc Silicon PNP Power Transistor
2SB679 ISC-2SB679 Datasheet
79Kb / 2P
isc Silicon PNP Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com