Electronic Components Datasheet Search
  English  ▼

X  

DD4 Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # DD4
Description  High-speed Transmission Compatible Low-profile Docking Connector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

DD4 Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  DD4 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. DD4 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. DD4 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. DD4 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. DD4 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. DD4 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. DD4 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. DD4 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. DD4 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MB-0270-1
JAE PMK Div. Proprietary. Copyright © 2013, Japan Aviation Electronics Industry, Ltd.
2/12
Component
Material and Finish
Shell
Stainless-steel / Ni plating
Insulator
Synthetic resin
Contact
Contact area: Copper alloy / Au plating over Ni
Terminal area: Copper alloy / Au flash plating over Ni
■Receptacle
Component
Material and Finish
Shell
Stainless-steel / Ni plating
Lock Spring
Stainless-steel
Inner Insulator
Synthetic resin
Base Insulator
Synthetic resin
Contact
Contact area: Copper alloy / Au plating over Ni
Terminal area: Copper alloy / Au flash plating over Ni
■Plug
Component
Material and Finish
Shell
Stainless-steel / Ni plating
Cap
Synthetic resin
Inner Insulator
Synthetic resin
Base Insulator
Synthetic resin
Contact
Contact area: Copper alloy / Au plating over Ni
Terminal area: Copper alloy / Au flash plating over Ni
■Cradle
■No. of Contacts: 40 pos.
■Contact Resistance:
50m
 max. (initial)
■Dielectric Withstanding Voltage:
AC300Vr.m.s for 1 minute
■Operating Temperature:
-25 Deg. C to +75 Deg. C
Materials and Finishes
General Specifications
■Rated Current:
0.1A / 1 pos. (signal)
1.1A / 1pos. (power)
■Insulation Resistance:
100M
 min. (initial)
■Life time: 5,000 times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com