Electronic Components Datasheet Search
  English  ▼

X  

BD243B Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BD243B
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BD243B Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BD243B Datasheet HTML 1Page - Inchange Semiconductor Company Limited BD243B Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website: www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon NPN Power Transistor
BD243/A/B/C
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VCEO(SUS)
Collector-Emitter
Sustaining Voltage
BD243
IC= 30mA ;IB=0
45
V
BD243A
60
BD243B
80
BD243C
100
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 6A; IB= 1A
1.5
V
VBE(on)
Base-Emitter On Voltage
IC= 6A ; VCE= 4V
2.0
V
ICBO
Collector
Cutoff Current
BD243
VCB= 55V; VBE= 0
0.4
mA
BD243A
VCB= 70V; VBE= 0
BD243B
VCB= 90V; VBE= 0
BD243C
VCB= 110V; VBE= 0
ICEO
Collector
Cutoff Current
BD243/A
VCE= 30V;IB= 0
0.7
mA
BD243B/C
VCE= 60V;IB= 0
IEBO
Emitter Cutoff Current
VEB= 5V; IC=0
1.0
mA
hFE-1
DC Current Gain
IC= 0.3A ; VCE= 4V
30
hFE-2
DC Current Gain
IC= 3A ; VCE= 4V
15
fT
Current-Gain—Bandwidth Product
IC= 0.5A ; VCE= 10V, ftest= 1.0MHz
3.0
MHz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com