Electronic Components Datasheet Search
  English  ▼

X  

BD246C Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BD246C
Description  isc Silicon PNP Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BD246C Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BD246C Datasheet HTML 1Page - Inchange Semiconductor Company Limited BD246C Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon PNP Power Transistor
BD246/A/B/C
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX UNIT
V(BR)CEO
Collector-Emitter
Breakdown Voltage
BD246
IC= -30mA ;IB=0
-45
V
BD246A
-60
BD246B
-80
BD246C
-100
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= -3A; IB= -0.3A
-1.0
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= -10A; IB= -2.5A
-4.0
V
VBE(on)-1
Base-Emitter On Voltage
IC= -3A ; VCE= -4V
-1.6
V
VBE(on)-2
Base-Emitter On Voltage
IC= -10A ; VCE= -4V
-3.0
V
ICES
Collector
Cutoff Current
BD246
VCE= -55V; VBE= 0
-0.4
mA
BD246A
VCE= -70V; VBE= 0
BD246B
VCE= -90V; VBE= 0
BD246C
VCE= -115V; VBE= 0
ICEO
Collector
Cutoff Current
BD246/A
VCE= -30V;IB= 0
-0.7
mA
BD246B/C
VCE= -60V;IB= 0
IEBO
Emitter Cutoff Current
VEB= -5V; IC= 0
-1.0
mA
hFE-1
DC Current Gain
IC= -1A ; VCE= -4V
40
hFE-2
DC Current Gain
IC= -3A ; VCE= -4V
20
hFE-3
DC Current Gain
IC= -10A ; VCE= -4V
4
fT
Current-Gain—Bandwidth Product
IC= -0.5A;VCE= -10V,ftest= 1.0MHz
3.0
MHz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com