Electronic Components Datasheet Search
  English  ▼

X  

DW1 Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # DW1
Description  UL Recognized Product
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

DW1 Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  DW1 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. DW1 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. DW1 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. DW1 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. DW1 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. DW1 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. DW1 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. DW1 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. DW1 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
COMPONENTS PRODUCT INFORMATION
CONNECTOR
NEW
MB-0265-2
February 2016
JAE PMK Div. Proprietary. Copyright © 2016, Japan Aviation Electronics Industry, Ltd.
1/13
DW1 Series
(UL Recognized Product)
No. of Contacts:
2 pos. (power supply)
20 pos. (signal)
Rated Current:
500A (power supply)
2A (signal)
Rated Voltage:
600V (power supply) *Note 1
100V (signal)
Contact Resistance (power supply):
0.2mΩ max. (initial)
Durability: 20 times
Operating Temperature:
-40Deg. C~+95Deg. C
UL Recognized Product: File No.E67741
High-current: compatible with 500A
Electrical Shock Prevention: protection cap
for plug side
Floating Amount: ±2.75mm
Robust housing integrating complex power
supply and signal area.
Signal connector can be attached to the
main unit using an exclusive jig.
Signal area has a 2-point contacting
structure contact.
Power supply compatible with bus bar and
cable connection.
<<Outline>>
Receptacle (DW1R002ZH1)
Plug (DW1P002ZH1)
Drawing when DW1 is mounted
RoHS Compliant
Features
General Specifications
The DW1 Series is a rack and panel connector with 2 contacts for high-current (500A). It
enables the connection of the 2 contacts for power supply and 20 contacts for signal at once.
The DW1 Series is suitable for use in a wide range of applications such as storage battery
systems, power supply systems, UPS, and other power supply control equipments.
The DW1 Series is a UL recognized product.
Note 1: Please contact us when considering use in usage environments that exceed 600V.


Similar Part No. - DW1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DW1000 ETC2-DW1000 Datasheet
1Mb / 49P
IEEE802.15.4-2011 UWB Transceiver
logo
Qorvo, Inc
DW1000 QORVO-DW1000 Datasheet
1Mb / 53P
fully integrated single chip Ultra Wideband
logo
Turck, Inc.
DW1000-110-7E-H1441 TURCK-DW1000-110-7E-H1441 Datasheet
158Kb / 2P
Draw-Wire
11/07/2023
DW1000-110-8C-H1441 TURCK-DW1000-110-8C-H1441 Datasheet
149Kb / 2P
Draw-Wire – Analog
11/07/2023
DW1000-55-7F-CA TURCK-DW1000-55-7F-CA Datasheet
131Kb / 1P
Draw-Wire
11/07/2023
More results

Similar Description - DW1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RJ11-6N-B ETC1-RJ11-6N-B Datasheet
41Kb / 1P
UL Recognized CSA Certified
ZUS252405 ETC2-ZUS252405 Datasheet
133Kb / 3P
UL recognized, TV approved, CSA certified
ZUS252412 ETC2-ZUS252412 Datasheet
133Kb / 3P
UL recognized, TV approved, CSA certified
ZUW32415 ETC2-ZUW32415 Datasheet
145Kb / 3P
UL recognized, TV approved, CSA certified
ZUW152415 ETC2-ZUW152415 Datasheet
136Kb / 3P
UL recognized, TV approved, CSA certified
logo
Grayhill, Inc
19101-02UL GRAYHILL-19101-02UL Datasheet
479Kb / 1P
UL Recognized Rugged Construction
logo
List of Unclassifed Man...
ZUS1R51215 ETC2-ZUS1R51215 Datasheet
141Kb / 3P
UL recognized, TV approved, CSA certified
logo
Surge Components
2W005M SURGE-2W005M Datasheet
129Kb / 2P
ul recognized
logo
ORION FANS
OA300 ORIONFANS-OA300 Datasheet
4Mb / 2P
UL and cUL Recognized
logo
Delta Electronics, Inc.
S48SP12003 DELTA-S48SP12003 Datasheet
448Kb / 14P
UL/cUL 60950 (US & Canada) recognized
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com