Electronic Components Datasheet Search
  English  ▼

X  

DW05 Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # DW05
Description  High-Current Connector
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

DW05 Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  DW05 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. DW05 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. DW05 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. DW05 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. DW05 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. DW05 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. DW05 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. DW05 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. DW05 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MB-0283-1
JAE PMK Div. Proprietary. Copyright © 2014, Japan Aviation Electronics Industry, Ltd.
2/9
■
No. of Contacts: 1 pos.
■
Operating Temperature: -40 Deg. C to +85 Deg. C
■
Rated Current: 150A, DC150A (Temperature rise : 40 Deg. C max.)
■
Contact Resistance: 0.2m Ω max. (initial)
0.3m Ω max. (after various tests)
General Specifications
Ordering Information
Modification Code
1~9, A~Z *Excluding alphabetical characters I and O
Series
DW Series: DW
Development No.
(05~99)
P: Pin
S: Socket
Z: Others
Maximum Current C/T Type
Maximum Current C/T No. of Contacts
B: Busbar
C: Cable
D: Device
P: PWB, PCB
S: Screw (Bolt)
Z: Others
Maximum Current C/T Connections
AG: Silver
AU: Gold
SN: Tin
NK: Nickel
CU: Copper
ZZ: Others
Maximum Current C/T Plating of Connection Area
Socket Housing (Black)
Socket Housing (Ivory)
Pin Housing (Black)
Pin Housing (Ivory)
Socket Contact (Ag plating)
Pin Contact (Ag plating)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com