Electronic Components Datasheet Search
  English  ▼

X  

DW07 Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # DW07
Description  High-current Busbar Connector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

DW07 Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  DW07 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. DW07 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. DW07 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. DW07 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. DW07 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MB-0296-1
JAE PMK Div. Proprietary. Copyright © 2015, Japan Aviation Electronics Industry, Ltd.
2/5
Rated Current: Refer to Chart 1
Contact Resistance:
0.13mΩ max. (initial)
0.16mΩ max. (after test)
Acceptable Tolerance: Refer to Figure 1
Durability: 100 times
Operating Temperature:
-25ºC to +105ºC
(including conduction temperature rise)
Applicable Busbar:
JIS H 3140 Ag plating
Vertical: ±2.5mm
Rotation: ±1.5deg
Figure 1: Acceptable Tolerances
Cable
Size
(mm2)
Busbar
Size (mm)
Rated Current (A)
Using 1 connector
Using 2 connectors
Using 3 connectors
Using 4 connectors
Thickness Width 30 K
65 K
30 K
65 K
30 K
65 K
30 K
65 K
50
3
15
130
194
-
-
-
-
-
-
60
4
15
144
215
-
-
-
-
-
-
80
3
25
164
246
205
305
-
-
-
-
5
15
161
239
-
-
-
-
-
-
100
4
25
188
280
224
332
-
-
-
-
6
15
168
252
-
-
-
-
-
-
125
3
38
208
308
266
396
292
436
-
-
5
25
210
315
268
400
-
-
-
-
150
3
50
222
330
294
437
325
481
340
506
4
38
228
341
290
430
320
474
-
-
6
25
228
338
270
400
-
-
-
-
200
4
50
259
386
338
502
381
567
400
599
5
38
250
372
326
483
357
530
-
-
250
5
50
277
414
361
537
400
595
425
632
6
38
261
388
336
498
373
555
-
-
325
6
50
274
413
358
572
438
651
461
685
Chart 1: Rated Current
* Rated Current = Current value (in A) that temperature rise will be 30 K or 65 K x safety
ratio (80%)
* Calculated based on the examination results of the connection of the above shown
cable (2m) and busbar (10cm).
* Rated current depends on the size of the busbar and the number of connectors used.
Using 2 connectors
Using 3 connectors
Example:
General Specifications



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com