Electronic Components Datasheet Search
  English  ▼

X  

IQMS-142 Datasheet(PDF) 2 Page - IQD Frequency Products Ltd

Part # IQMS-142
Description  MEMS Oscillator Specification
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IQD [IQD Frequency Products Ltd]
Direct Link  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

IQMS-142 Datasheet(HTML) 2 Page - IQD Frequency Products Ltd

  IQMS-142 Datasheet HTML 1Page - IQD Frequency Products Ltd IQMS-142 Datasheet HTML 2Page - IQD Frequency Products Ltd IQMS-142 Datasheet HTML 3Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
IQMS-142
MEMS Oscillator Specification
Output Details
Output Compatability
CMOS
Drive Capability
15pF
Output Voltage Levels (Vs=1.5V to 3.63V):
Output Low (VoL): 10%Vs max
Output High (VoH): 90%Vs min
Maximum Output Drive (@ ≥80% LVCMOS swing, over
Operating Temperature Range, Vs=1.5V to 3.3V): 50pF max
Noise Parameters
Period Jitter (10000 cycles):
Measured with TA=25°C: 35ns RMS typ
Environmental Parameters
Absolute Short Duration Operating Temperature (30mins max,
Vs=1.5V to 3.63V): 125°C max
Storage Temperature Range: –65 to 150°C
Junction Temperature: 150°C max
ESD Levels:
Human Body Model (JESD22-A114): 3000V max
Charge Device Model (JESD22-C101): 750V max
Machine Model (TA=25°C): 300V max
Mechanical Shock: MIL-STD-883, Method 2002: 10000G max
Vibration: MIL-STD-883, Method 2007: 70G max
Latch Up Tolerance (JESD78): Compliant
Note: Operating beyond these limits may result in change or
permanent damage to the oscillator.
Manufacturing Details
Maximum Process Temperature: Reflow profile as per JEDEC
J-STD-020.
Cleaning: Do not ultrasonic clean, this may cause permanent
damage or long-term reliability issues to the oscillator.
For noisy, high EM environments, we recommend the
following design guidelines:-
Place oscillator as far away from EM noise sources as
possible (e.g., high-voltage switching regulators, motor drive
control).
Route noisy PCB traces, such as digital data lines or high di/dt
power supply lines, away from the oscillator.
Add a low ESR/ESL, 0.1uF to 1.0uF ceramic capacitor (X7R)
to help filter high frequency noise on the Vs power-supply line.
Place it as close to the oscillator Vs pad as possible.
Place a solid GND plane underneath the oscillator to shield
the oscillator from noisy traces on the other board layers.
Compliance
Compliant
RoHS Status (2011/65/EU)
Compliant
REACh Status
MSL Rating (JDEC-STD-033):
1
Packaging Details
Tape & reel in accordance with EIA-481-D
Pack Style: Reel
Pack Size: 1,000
Printed on 31 Aug 16 15:59 using Model Data Sheet V1.2550
Page 2 of 3
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com