Electronic Components Datasheet Search
  English  ▼

X  

IQMS-145 Datasheet(PDF) 2 Page - IQD Frequency Products Ltd

Part # IQMS-145
Description  MEMS Oscillator Specification
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IQD [IQD Frequency Products Ltd]
Direct Link  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

IQMS-145 Datasheet(HTML) 2 Page - IQD Frequency Products Ltd

  IQMS-145 Datasheet HTML 1Page - IQD Frequency Products Ltd IQMS-145 Datasheet HTML 2Page - IQD Frequency Products Ltd IQMS-145 Datasheet HTML 3Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
IQMS-145
MEMS Oscillator Specification
Output Control
Enable/Disable Mode (OE):
Logic ‘1’ (70%Vs min) or no connection to pad 1 enables the
oscillator output.
Logic ‘0’ (30%Vs max) to pad 1 disables the oscillator output,
the output goes to a high impedance state.
OE Disable Supply Current (OE low): 35mA max
OE Disable Leakage Current (OE low): 1μA max
Output Enable/Disable Time (F=220MHz): 115ns max
(Note: For other frequencies time=100ns + 3 cycles.)
Standby Mode (ST):
Logic ‘1’ (70%Vs min) or no connection to pad 1 enables the
oscillator output.
Logic ‘0’ (30%Vs max) to pad 1 disables the oscillator output,
the device goes to sleep mode.
ST Disable Supply Current (ST low): 100μA max
Resume Time (measured from the time pad 1 crosses 50%
threshold): 10ms max
Input Pull-Up Impedance:
Pad 1: OE logic '1' or logic '0', or ST logic '1': 250kΩ max
Pad 1: ST logic '0': 2MΩ min
Start Up Time (measured from the time Vs reaches its rated
minimum value): 10ms max
Noise Parameters
Period Jitter:
F=266MHz: 1.2ps typ, 1.7ps RMS max
F=312.5MHz: 1.2ps typ, 1.7ps RMS max
F=622.08MHz: 1.2ps typ, 1.7ps RMS max
Phase Jitter (F=312.5MHz, 12kHz to 20MHz): 0.6ps RMS typ,
0.85ps RMS max
Environmental Parameters
Storage Temperature Range: –65 to 150°C
Electrostatic Discharge (HBM): 2000V max
Mechanical Shock: MIL-STD-883F, Method 2002.
Vibration: MIL-STD-883F, Method 2007.
Thermal Cycling: JESD-22, Method A104.
Solderability: MIL-STD-883F, Method 2003.
Manufacturing Details
Maximum Process Temperature: 260°C
Note: Connect a capacitor of 0.1μF min between Vs and GND.
Compliance
Compliant
RoHS Status (2011/65/EU)
Compliant
REACh Status
MSL Rating (JDEC-STD-033):
1
Packaging Details
Tape & reel in accordance with EIA-481-D
Pack Style: Reel
Pack Size: 1,000
Printed on 31 Aug 16 16:04 using Model Data Sheet V1.2550
Page 2 of 3
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com