Electronic Components Datasheet Search
  English  ▼

X  

LM3578AN Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3578AN
Description  Switching Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3578AN Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM3578AN Datasheet HTML 10Page - National Semiconductor (TI) LM3578AN Datasheet HTML 11Page - National Semiconductor (TI) LM3578AN Datasheet HTML 12Page - National Semiconductor (TI) LM3578AN Datasheet HTML 13Page - National Semiconductor (TI) LM3578AN Datasheet HTML 14Page - National Semiconductor (TI) LM3578AN Datasheet HTML 15Page - National Semiconductor (TI) LM3578AN Datasheet HTML 16Page - National Semiconductor (TI) LM3578AN Datasheet HTML 17Page - National Semiconductor (TI) LM3578AN Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
Typical Applications (Continued)
Capacitor C1 sets the oscillator frequency and is selected
from
Figure 1.
Capacitor C2 serves as a compensation capacitor for syn-
chronous operation and a value of 10 to 50 pF should be suf-
ficient for most applications.
A minimum value for an ideal output capacitor C3, could be
calculated as C = I
o xt/∆V where Io is the load current, t is
the transistor on time (typically 0.4/f
osc),
and
∆Visthe
peak-to-peak output voltage ripple. A larger output capacitor
than this theoretical value should be used since electrolytics
have poor high frequency performance. Experience has
shown that a value from 5 to 10 times the calculated value
should be used.
For good efficiency, the diodes must have a low forward volt-
age drop and be fast switching. 1N5819 Schottky diodes
work well.
Transformer selection should be picked for an output transis-
tor “on” time of 0.4/f
osc, and a primary inductance high
enough to prevent the output transistor switch from ramping
higher than the transistor’s rating of 750 mA. Pulse Engi-
neering (San Diego, Calif.) and Renco Electronics, Inc.
(Deer Park, N.Y.) can provide further assistance in selecting
the proper transformer for a specific application need. The
transformer used in
Figure 23 was a Pulse Engineering
PE-64287.
DS008711-13
9V
≤ V
in ≤ 15V
R5 = 270
Vo = 12V
C1 = 1820 pF
Io = 100 mA
C2 = 220 µF
Vripple = 50 mV
C3 = 20 pF
fosc = 50 kHz
C4 = 0.0022 µF
R1 = 110k
L1 = 220 µH
R2 = 10k
D1, D2 = 1N5819
R3 = 0.15
Q1 = D44
R4 = 220k
FIGURE 22. Buck-Boost Regulator
DS008711-14
Vin = 5V
R4 = 0.15
Ω
Vo ±12V
C1 = 820 pF
Io = ±40 mA
C2 = 10 pF
fosc = 80 kHz
C3 = 220 µF
R1 = 10 k
Ω
D1, D2, D3 = 1N5819
R2 = 240 k
Ω
T1 = PE-64287
R3 = 240 k
Ω
FIGURE 23. RS-232 Line Driver Power Supply
15
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com