Electronic Components Datasheet Search
  English  ▼

X  

DF02F036A21 Datasheet(PDF) 7 Page - Japan Aviation Electronics Industry, Ltd.

Part # DF02F036A21
Description  Half-pitch (1.27mm) Interface Connector
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

DF02F036A21 Datasheet(HTML) 7 Page - Japan Aviation Electronics Industry, Ltd.

Back Button DF02F036A21 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. DF02F036A21 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. DF02F036A21 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. DF02F036A21 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. DF02F036A21 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. DF02F036A21 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. DF02F036A21 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. DF02F036A21 Datasheet HTML 10Page - Japan Aviation Electronics Industry, Ltd. DF02F036A21 Datasheet HTML 11Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MB-0276-4
JAE PMK Div. Proprietary. Copyright © 2015, Japan Aviation Electronics Industry, Ltd.
7/11
Type
No. of Contacts
Part Number
Drawing
Angle Long
36
DF02F036A11
SJ114043
Angle Long / Thick Wire
Compatible Type
36
DF02F036A21
SJ114161
Striaght Long
Screw Lock
36
DF02D036B11
SJ115090
■
Angle Long
■
Angle Long / Thick Cable Compatible
Type
<When mated>
<When mated>
■
Straight Long Screw Lock
<When mated>



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com