Electronic Components Datasheet Search
  English  ▼

X  

ES9 Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # ES9
Description  Improved contact reliability with a 2-point contact structure.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

ES9 Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  ES9 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. ES9 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. ES9 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. ES9 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. ES9 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. ES9 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
COMPONENTS PRODUCT INFORMATION
CONNECTOR
NEW
MB-0260-2
July 2013
JAE PMK Div. Proprietary. Copyright © 2013, Japan Aviation Electronics Industry, Ltd.
1/6
No. of Contacts: 2, 4 positions
Contact Resistance:
30m
 max. (initial)
45m
 max. (after test)
Voltage:
AC/DC 250V
Current:
3A per position
Retention Strength: 15N min.
Insulation Resistance: 10M
 min.
Guaranteed Mating Cycles: 10 times
Operating Temperature:
-40 Deg. C to +105 Deg. C
Applicable Wire: 22 to 26AWG
(Outer cable diameter: 1.0 to 2.1mm)
ES9 Series
(cULus Certified Product)
Spring Lock Connector
 Improved operability through upper-side mating. Easy to visually confirm the
connector is mated.
 Original locking design structure (Spring Lock) achieves high retention strength in
the cable lifting direction.
Cable lifting direction retention strength: 15N min.
 Improved contact reliability with a 2-point contact structure.
 22AWG (outer cable diameter: 2.1mm max.) compatible with a low-profile structure
(product height: 3mm).
 cULus certified product.
Features
General Specifications
When mated
RoHS Compliant


Similar Part No. - ES9

ManufacturerPart #DatasheetDescription
logo
ESS Technology,Inc
ES9006S ESS-ES9006S Datasheet
479Kb / 2P
Highest Performance Audio DAC
ES9008 ESS-ES9008 Datasheet
479Kb / 2P
Highest Performance Audio DAC
ES9008S ESS-ES9008S Datasheet
479Kb / 2P
Highest Performance Audio DAC
ES9010K2M ESS-ES9010K2M Datasheet
48Kb / 2P
Premier Stereo Mobile Audio DAC
ES9012 ESS-ES9012 Datasheet
276Kb / 2P
32-bit Hyperstream??Audio DAC
More results

Similar Description - ES9

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2087-6001-00 MACOM-2087-6001-00 Datasheet
160Kb / 1P
Point Contact Detectors
logo
American Microsemicondu...
1N23 AMMSEMI-1N23 Datasheet
526Kb / 1P
Point Contact Diodes
1N23SC AMMSEMI-1N23SC Datasheet
526Kb / 1P
Point Contact Diodes
1N23SD AMMSEMI-1N23SD Datasheet
526Kb / 1P
Point Contact Diodes
1N23SE AMMSEMI-1N23SE Datasheet
526Kb / 1P
Point Contact Diodes
1N23SF AMMSEMI-1N23SF Datasheet
526Kb / 1P
Point Contact Diodes
1N23SG AMMSEMI-1N23SG Datasheet
526Kb / 1P
Point Contact Diodes
1N23SH AMMSEMI-1N23SH Datasheet
526Kb / 1P
Point Contact Diodes
1N23WE AMMSEMI-1N23WE Datasheet
526Kb / 1P
Point Contact Diodes
1N23WG AMMSEMI-1N23WG Datasheet
526Kb / 1P
Point Contact Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com