Electronic Components Datasheet Search
  English  ▼

X  

AT250-DF02-2 Datasheet(PDF) 8 Page - Japan Aviation Electronics Industry, Ltd.

Part # AT250-DF02-2
Description  Half-pitch (1.27mm) Interface Connector
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

AT250-DF02-2 Datasheet(HTML) 8 Page - Japan Aviation Electronics Industry, Ltd.

Back Button AT250-DF02-2 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. AT250-DF02-2 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. AT250-DF02-2 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. AT250-DF02-2 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. AT250-DF02-2 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. AT250-DF02-2 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. AT250-DF02-2 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. AT250-DF02-2 Datasheet HTML 10Page - Japan Aviation Electronics Industry, Ltd. AT250-DF02-2 Datasheet HTML 11Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MB-0276-4
JAE PMK Div. Proprietary. Copyright © 2015, Japan Aviation Electronics Industry, Ltd.
8/11
Series
Development No.
Type
H: Hood
Part Type
CLP: Clamp Plate
CLP Development No.
(01 to 99)
Applicable Hood
A: for 14,20,26 pos.
B: for 36,50,68 pos.
DF 02 H CLP * *
14, 20, 26 pos. 36, 50, 68 pos.
01 DF02HCLP01A SJ114550 12.2
3.7
5.65
Yes
No
02 DF02HCLP02A SJ114551 12.2
4.3
5.75
Yes
No
03 DF02HCLP03B SJ114552 14.2
1.15
4.75
No
Yes
04 DF02HCLP04B SJ114553 14.2
5
6.15
No
Yes
05 DF02HCLP05A SJ114554 12.2
4.65
5.65
Yes
No
06 DF02HCLP06B SJ114555 14.2
3.6
5.55
No
Yes
07 DF02HCLP07B SJ114556 14.2
3.05
5
No
Yes
08 DF02HCLP08B SJ114557 14.2
2.35
4.3
No
Yes
09 DF02HCLP09B SJ114558 14.2
1.15
3.1
No
Yes
10 DF02HCLP10A SJ114669 12.2
3.45
5.4
Yes
No
11 DF02HCLP11A SJ114739 12.2
2
3.95
Yes
No
12 DF02HCLP12B SJ115091 14.2
4
5.95
No
Yes
Applicable Hood
Drawing
No.
B
A
Part Number
C
[Clamp Plate]
No.
printed
Applicable Cable
Please refer to handling instruction JAHL-30303 regarding applicable cable
for clamp plate.
Yes: Applicable
No: Not applicable



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com