Electronic Components Datasheet Search
  English  ▼

X  

RA1 Datasheet(PDF) 8 Page - Japan Aviation Electronics Industry, Ltd.

Part # RA1
Description  Connector ?쏛??for IMT-2000 Mobile Phones
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

RA1 Datasheet(HTML) 8 Page - Japan Aviation Electronics Industry, Ltd.

Back Button RA1 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. RA1 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. RA1 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. RA1 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. RA1 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. RA1 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. RA1 Datasheet HTML 10Page - Japan Aviation Electronics Industry, Ltd. RA1 Datasheet HTML 11Page - Japan Aviation Electronics Industry, Ltd. RA1 Datasheet HTML 12Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MB-0052-6
8/12
JAE PMK Div. Proprietary. Copyright © 2006,Japan Aviation Electronics Industry, Ltd.
■ Part Number  
RA1P310FP※ (Standard plug: arrow mark type/ soldering connection type)
   Applicable wire: AWG#28 max.   Applicable cable diameter: 5.0 mm dia. max.
Hood Color
Part Number
SJ Drawing
Black
RA1P310FP2
SJ100808
Light gray
RA1P310FP3
SJ101570
Note: This product does not include bushing and clamp barrel.
Please refer to Handling Instruction JAHL-3228 regarding connection,
assembly process, bushing portion design and dimensions.
(Unit: mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com