Electronic Components Datasheet Search
  English  ▼

X  

FA10 Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # FA10
Description  0.5mm Pitch FPC Connector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

FA10 Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  FA10 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. FA10 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. FA10 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. FA10 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. FA10 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. FA10 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MB-0255-2
JAE PMK Div. Proprietary. Copyright © 2016, Japan Aviation Electronics Industry, Ltd.
2/6
Component
Material / Finish
Housing
Heat-resistant resin (black, halogen-free)
Contact
Cu alloy, Au plating over Ni
Au 0.1
m min.
Series
No. of Contacts
Reeled Product: 8,000 pcs.
FA10 ** S A1 – R8000
Modification Code
No. of Contacts
Development Status
4
Now in mass-production
5
Now in mass-production
6
Now in mass-production
10
Now in mass-production
Materials and Finishes
Developed No. of Contacts
Ordering Information



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com