Electronic Components Datasheet Search
  English  ▼

X  

SF9 Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # SF9
Description  COMPONENTS PRODUCT INFORMATION
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

SF9 Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  SF9 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. SF9 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. SF9 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. SF9 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
COMPONENTS PRODUCT INFORMATION
CONNECTOR
NEW
1/4
MB-0165-1
December 2006
JAE PMK Div. Proprietary. Copyright © 2006,Japan Aviation Electronics Industry, Ltd.
Features
SF9 Series
PLUG IN SIM Card Connector
compatible to GSM 11.11 Standard
[Outline]
SF9 Series is a tray type connector compatible with GSM 11.11 standard
Plug in SIM card for GSM mobile phones.
(SIM: Subscriber Identification Module)
General Specification
•Tray type connector for GSM 11.11 standard Plug in SIM card
• Low profile structure, 1.8mm height, 18.9mm width, 22mm depth (26.5mm when card
is inserted)
•Two types of mounting, normal and reverse (reverse type now under development)
•Connector main body is provided in emboss (compatible to second reflow), tray
provided in tray.
•5 portions of H/D ensures EMI/ ESD countermeasure and gives consideration to
prevention of instantaneous interruption caused by falling.
•Retention lock on tray provides click feeling when mated, and makes positioning easier
and also prevents falling of tray.
•No. of Contacts: 6pos.
•Contact resistance: 100m ohm max.
•Dielectric withstanding voltage:
AC500Vr.m.s 1minute
•Operating temperature:
-40 Deg. C to +90 Deg. C
RoHS Compliant
•Rated current: 10u A to 1A
•Insulation resistance:
1000M ohm min.
•Lifetime:5000 times


Similar Part No. - SF9

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
SF90.5B VANLONG-SF90.5B Datasheet
120Kb / 2P
Surface Acoustic Wave Resonator Filter
logo
Pulse A Technitrol Comp...
SF9023 PULSE-SF9023 Datasheet
81Kb / 2P
BROADBAND: RF & WIRELESS
logo
Vanlong Technology Co.,...
SF914 VANLONG-SF914 Datasheet
85Kb / 2P
914.50 MHz SAW Filter
SF914C VANLONG-SF914C Datasheet
74Kb / 2P
914.50 MHz SAW Filter
SF916 VANLONG-SF916 Datasheet
103Kb / 2P
Designed to Provide Front-end selectivity in 916.50 MHz
More results

Similar Description - SF9

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
LTS350Q1-PD1 SAMSUNG-LTS350Q1-PD1 Datasheet
1Mb / 58P
Product Information
logo
Gilway Technical Lamp
GTL-OS-70099 GILWAY-GTL-OS-70099 Datasheet
504Kb / 4P
Product Information Bulletin
logo
List of Unclassifed Man...
ECJ-CV50J106M ETC2-ECJ-CV50J106M Datasheet
784Kb / 28P
PRODUCT SPECIFICATION FOR INFORMATION
833 ETC2-833 Datasheet
150Kb / 2P
Product Information 44
logo
NTE Electronics
WH18-01-25 NTE-WH18-01-25 Datasheet
1Mb / 2P
PRODUCT/APPLICATION INFORMATION
logo
List of Unclassifed Man...
PI3302-00-EVAL1 ETC2-PI3302-00-EVAL1 Datasheet
790Kb / 2P
Product Portfolio Information
logo
Japan Aviation Electron...
SF11 JAE-SF11 Datasheet
408Kb / 5P
COMPONENTS PRODUCT INFORMATION
SF50 JAE-SF50 Datasheet
166Kb / 4P
COMPONENTS PRODUCT INFORMATION
logo
Samsung semiconductor
LTN154X3-L01 SAMSUNG-LTN154X3-L01 Datasheet
231Kb / 13P
Product Information
logo
Renesas Technology Corp
UPD78F0949 RENESAS-UPD78F0949 Datasheet
551Kb / 72P
PRELIMINARY PRODUCT INFORMATION
1999
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com