Electronic Components Datasheet Search
  English  ▼

X  

SF11 Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # SF11
Description  COMPONENTS PRODUCT INFORMATION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

SF11 Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  SF11 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. SF11 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. SF11 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. SF11 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. SF11 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
COMPONENTS PRODUCT INFORMATION
CONNECTOR
NEW
1/5
MB-0241-1
January 2012
JAE PMK Div. Proprietary. Copyright © 2012, Japan Aviation Electronics Industry, Ltd.
Features
SF11 Series
Plug in Card Connector
Compatible with GSM 11.11 Standard
The SF11 Series is a tray type connector compatible with the GSM 11.11 standard
Plug in SIM card for GSM mobile phones. (SIM: Subscriber Identification Module)
General Specification
•Plug in SIM card connector compatible with GSM 11.11 standard.
•Low profile, 1.9mm height.
•Available with and without card detection switch. (Refer to above images).
•Connector main body is provided in embossed tape packaging (compatible with
second reflow).
•Card tray is ejected by inserting an eject-pin.
•Lock structure holds tray in place and gives a clear click feeling when the tray is
fully mated.
•No. of Contacts: 6 position
•Contact Resistance: 100m
 max.
(Switch: 1
 max.)
•Dielectric Withstanding Voltage:
AC500Vr.m.s 1minute
•Operating Temperature:
-25 Deg. C to +85 Deg. C
RoHS Compliant
•Rated Current: 0.5A
•Insulation Resistance:
Initial: 1000M
 min.
After test: 100M
 min.
•Lifetime: 5,000 times
With Detection Switch
Without Detection Switch


Similar Part No. - SF11

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF11 MOSPEC-SF11 Datasheet
137Kb / 2P
POWER RECTIFIERS(1.0A,50-400V)
logo
Won-Top Electronics
SF11 WTE-SF11 Datasheet
46Kb / 3P
1.0A SUPER-FAST RECTIFIER
logo
Zowie Technology Corpor...
SF11 ZOWIE-SF11 Datasheet
49Kb / 2P
SUPER FAST RECTIFIER
logo
Rectron Semiconductor
SF11 RECTRON-SF11 Datasheet
27Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere)
logo
Jinan Gude Electronic D...
SF11 JGD-SF11 Datasheet
161Kb / 2P
1.0 AMP. SUPER FAST RECTIFIERS
More results

Similar Description - SF11

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
LTS350Q1-PD1 SAMSUNG-LTS350Q1-PD1 Datasheet
1Mb / 58P
Product Information
logo
Gilway Technical Lamp
GTL-OS-70099 GILWAY-GTL-OS-70099 Datasheet
504Kb / 4P
Product Information Bulletin
logo
List of Unclassifed Man...
ECJ-CV50J106M ETC2-ECJ-CV50J106M Datasheet
784Kb / 28P
PRODUCT SPECIFICATION FOR INFORMATION
833 ETC2-833 Datasheet
150Kb / 2P
Product Information 44
logo
NTE Electronics
WH18-01-25 NTE-WH18-01-25 Datasheet
1Mb / 2P
PRODUCT/APPLICATION INFORMATION
logo
List of Unclassifed Man...
PI3302-00-EVAL1 ETC2-PI3302-00-EVAL1 Datasheet
790Kb / 2P
Product Portfolio Information
logo
Japan Aviation Electron...
SF9 JAE-SF9 Datasheet
165Kb / 4P
COMPONENTS PRODUCT INFORMATION
SF50 JAE-SF50 Datasheet
166Kb / 4P
COMPONENTS PRODUCT INFORMATION
logo
Samsung semiconductor
LTN154X3-L01 SAMSUNG-LTN154X3-L01 Datasheet
231Kb / 13P
Product Information
logo
Renesas Technology Corp
UPD78F0949 RENESAS-UPD78F0949 Datasheet
551Kb / 72P
PRELIMINARY PRODUCT INFORMATION
1999
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com