Electronic Components Datasheet Search
  English  ▼

X  

FB10 Datasheet(PDF) 3 Page - Japan Aviation Electronics Industry, Ltd.

Part # FB10
Description  0.3mm Pitch, 0.9mm Height FPC Connector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

FB10 Datasheet(HTML) 3 Page - Japan Aviation Electronics Industry, Ltd.

  FB10 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. FB10 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. FB10 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. FB10 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. FB10 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. FB10 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MB-0222-5
3/6
JAE PMK Div. Proprietary. Copyright © 2013, Japan Aviation Electronics Industry, Ltd.
SJ111993
FB10S0**JA2
SJ Drawing
Part Number
Unit: mm
No. of
Contacts
Dim. A
Dim. B
Dim. C
11
4.5
3.0
3.67
13
5.1
3.6
4.27
15
5.7
4.2
4.87
19
6.9
5.4
6.07
21
7.5
6.0
6.67
27
9.3
7.8
8.47
31
10.5
9.0
9.67
33
11.1
9.6
10.27
35
11.7
10.2
10.87
39
12.9
11.4
12.07
41
13.5
12.0
12.67
45
14.7
13.2
13.87
51
16.5
15.0
15.67
61
19.5
18.0
18.67



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com