Electronic Components Datasheet Search
  English  ▼

X  

SF56 Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # SF56
Description  micro SIM Card Connector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

SF56 Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  SF56 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. SF56 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. SF56 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. SF56 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. SF56 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
COMPONENTS PRODUCT INFORMATION
CONNECTOR
NEW
MB-0256-2
October 2014
JAE PMK Div. Proprietary. Copyright © 2014, Japan Aviation Electronics Industry, Ltd.
1/5
SF56 Series
micro SIM Card Connector
<<Outline>>
Smartphones and tablet PC equipping micro SIM (3FF UICC) Cards are increasing.
The “SF56 Series” is a push-push type connector compatible with the micro SIM card.
*SIM: Subscriber Identity Module
1.25mm height, 14.4mm width, and 16.0mm depth, industry’s lowest-in-class height and
smallest-in-class dimensions as a push-push type.
Designed for easy operation with a card ejection stroke of 4.1mm.
Card detection switch (normal closed) for preventing incomplete insertion.
Design allows for visual check / repair of the terminals after the SMT mounting process.
Balanced four hold-down points for good EMI performance.
Pb-free, halogen-free compliant product.
Supports automated mounting with embossed tape.
■
No. of Contacts: 6 positions
■
Contact Resistance: 100m Ω max. (initial)
■
Dielectric Withstanding Voltage:
AC 500Vr.m.s. for 1 minute
■
Operating Temperature:
-25 Deg. C to +85 Deg. C
Features
General Specifications
■
Rated Current: 0.5A / terminal
■
Rated Voltage: 10V / terminal
■
Durability: 5,000 times
RoHS Compliant


Similar Part No. - SF56

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF56 MOSPEC-SF56 Datasheet
127Kb / 2P
POWER RECTIFIERS(5.0A, 50-400V)
logo
Won-Top Electronics
SF56 WTE-SF56 Datasheet
47Kb / 3P
5.0A SUPER-FAST RECTIFIER
logo
Rectron Semiconductor
SF56 RECTRON-SF56 Datasheet
28Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 5.0 Amperes)
logo
Bytes
SF56 BYTES-SF56 Datasheet
161Kb / 2P
5.0 AMP SUPER FAST RECTIFIERS
logo
Dc Components
SF56 DCCOM-SF56 Datasheet
475Kb / 2P
TECHNICAL SPECIFICATIONS OF SUPER FAST RECTIFIER
More results

Similar Description - SF56

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
254042MA006G111ZL SUYIN-USA-254042MA006G111ZL Datasheet
134Kb / 1P
SIM CARD CONNECTOR
254042MA006G116ZL SUYIN-USA-254042MA006G116ZL Datasheet
170Kb / 1P
SIM CARD CONNECTOR
logo
AVX Corporation
009162006501150 AVX-009162006501150 Datasheet
359Kb / 2P
9162 SIM/microSD Micro Combination Connector
logo
Adam Technologies, Inc.
SCC-B-06-SMT-27-TR ADAM-TECH-SCC-B-06-SMT-27-TR Datasheet
95Kb / 1P
SIM CARD CONNECTOR
SCC-H-08-SG-SMT ADAM-TECH-SCC-H-08-SG-SMT Datasheet
92Kb / 1P
SIM CARD CONNECTOR
SCC-J-08-SMT ADAM-TECH-SCC-J-08-SMT Datasheet
101Kb / 1P
SIM CARD CONNECTOR
SCCP-08-SG-SMT ADAM-TECH-SCCP-08-SG-SMT Datasheet
109Kb / 1P
SIM CARD CONNECTOR
SCCP-10-SG-SMT ADAM-TECH-SCCP-10-SG-SMT Datasheet
99Kb / 1P
SIM CARD CONNECTOR
SCCP-10-SG-SMT-TR ADAM-TECH-SCCP-10-SG-SMT-TR Datasheet
99Kb / 1P
SIM CARD CONNECTOR
logo
Japan Aviation Electron...
SF53 JAE-SF53 Datasheet
593Kb / 5P
micro SIM Card Connector
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com