Electronic Components Datasheet Search
  English  ▼

X  

SF70 Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # SF70
Description  nanoSIM Card Connector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

SF70 Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  SF70 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. SF70 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. SF70 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. SF70 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. SF70 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. SF70 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
COMPONENTS PRODUCT INFORMATION
CONNECTOR
NEW
MB-0275-1
January 2014
JAE PMK Div. Proprietary. Copyright © 2014, Japan Aviation Electronics Industry, Ltd.
1/6
SF70 Series
nanoSIM Card Connector
<<Outline>>
Recently, smartphones and tablet PC have been equipped with nanoSIM cards.
The SF70 Series is a push-eject tray type (ejected by pushing pin) connector compatible
with the nanoSIM card.
(SIM: Subscriber Identity Module)
1.25mm height, 13.3mm width, and 14.8mm depth, low-profile, space-saving.
Superior resistance against drop with original lock structure.
Card mis-insertion measures, card detection with SW (normal open).
Structure that enables visual check / repair of terminal area after SMT mounting.
Balanced 7 hold-down points for good EMI performance.
Pb-free, halogen-free compliant product.
Supports automated mounting with embossed tape.
■
No. of Contacts: 6 pos.
■
Contact Resistance: 100mΩ max. (initial)
■
Dielectric Withstanding Voltage:
AC500Vr.m.s for 1 minute
■
Operating Temperature:
-25 Deg. C to +85 Deg. C
<Drawing when a tray is inserted>
RoHS Compliant
Features
General Specifications
Note: Tray is not included. Tray is to be prepared by customers.
■
Rated Current: 0.5A per terminal
■
Rated Voltage: 10V per terminal
■
Durability: 5,000 times


Similar Part No. - SF70

ManufacturerPart #DatasheetDescription
logo
NEC
SF70E NEC-SF70E Datasheet
92Kb / 12P
ORGANIC THERMAL SENSITIVE PELLET TYPE 10 AMPERES RATED CURRENT
logo
Japan Aviation Electron...
SF70S006VBAR2000 JAE-SF70S006VBAR2000 Datasheet
150Kb / 3P
nano SIM Card connector, 6 pos., 1.25mm height, Push-eject tray type
SF70S006VBBR2000 JAE-SF70S006VBBR2000 Datasheet
40Kb / 3P
nano SIM Card connector, 6 pos., 1.25mm height, Push-eject tray type
More results

Similar Description - SF70

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
PJS008-2000-0 YAMAICHI-PJS008-2000-0 Datasheet
211Kb / 1P
microSD??Card Connector
PJS008-2100-X YAMAICHI-PJS008-2100-X Datasheet
2Mb / 1P
microSD card connector
logo
List of Unclassifed Man...
SCGD-E ETC2-SCGD-E Datasheet
3Mb / 1P
microSIM Card Connector
logo
Adam Technologies, Inc.
SCC-08-SMT-275 ADAM-TECH-SCC-08-SMT-275 Datasheet
87Kb / 1P
SIM CARD CONNECTOR
SCC-E-06-SG-SMT ADAM-TECH-SCC-E-06-SG-SMT Datasheet
91Kb / 1P
SIM CARD CONNECTOR
SCC-H-08-SG-SMT ADAM-TECH-SCC-H-08-SG-SMT Datasheet
92Kb / 1P
SIM CARD CONNECTOR
SCC-J-08-SMT ADAM-TECH-SCC-J-08-SMT Datasheet
101Kb / 1P
SIM CARD CONNECTOR
SCCP-08-SG-SMT ADAM-TECH-SCCP-08-SG-SMT Datasheet
109Kb / 1P
SIM CARD CONNECTOR
SCCP-10-SG-SMT ADAM-TECH-SCCP-10-SG-SMT Datasheet
99Kb / 1P
SIM CARD CONNECTOR
SCCP-10-SG-SMT-TR ADAM-TECH-SCCP-10-SG-SMT-TR Datasheet
99Kb / 1P
SIM CARD CONNECTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com