Electronic Components Datasheet Search
  English  ▼

X  

SF72 Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # SF72
Description  nano SIM Card Connector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

SF72 Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  SF72 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. SF72 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. SF72 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. SF72 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. SF72 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
COMPONENTS PRODUCT INFORMATION
CONNECTOR
NEW
MB-0282-1
August 2014
JAE PMK Div. Proprietary. Copyright © 2014, Japan Aviation Electronics Industry, Ltd.
1/5
No. of Contacts: 6 pos.
Contact Resistance: 100m Ω max. (initial)
Dielectric Withstanding Voltage:
AC500Vr.m.s for 1 minute
Operating Temperature:
-25 Deg. C to +85 Deg. C
Rated Current: 0.5A / terminal
Rated Voltage: 10V / terminal
Durability: 5,000 times
SF72 Series
nano SIM Card Connector
<<Outline>>
Smartphones and tablet PC that equip nano SIM (4FF SIM) cards are increasing in these
days.
The SF72 Series is a push-push type nano SIM card connector ideal for those applications.
(SIM: Subscriber Identity Module)
1.25mm height, 11.2mm width, and 14.35mm depth, industry’s lowest-in-class height
and smallest-in-class dimensions among the same type of connectors.
Maintaining good operability with the enlarged card eject length (3.9mm).
With card mis-insertion measure and card detection switch (normal open).
Structure that enables visual check of terminal area after SMT mounting.
Balanced EMI countermeasure through 8 hold-down points.
Pb-free, halogen-free compliant product.
Supports automated mounting with embossed tape.
RoHS Compliant
Features
General Specifications


Similar Part No. - SF72

ManufacturerPart #DatasheetDescription
logo
SIFIRST TECHNOLOGIES NA...
SF7201 SIFIRST-SF7201 Datasheet
100Kb / 2P
Super- SRTM Synchronous Rectifier Power Switch
SF7201SG SIFIRST-SF7201SG Datasheet
100Kb / 2P
Super- SRTM Synchronous Rectifier Power Switch
logo
Japan Aviation Electron...
SF72S006VBDR2500 JAE-SF72S006VBDR2500 Datasheet
143Kb / 3P
nano SIM Card connector, 6 pos., 1.25mm height, Push-push type
More results

Similar Description - SF72

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
SCC-H-08-SG-SMT ADAM-TECH-SCC-H-08-SG-SMT Datasheet
92Kb / 1P
SIM CARD CONNECTOR
SCC-J-08-SMT ADAM-TECH-SCC-J-08-SMT Datasheet
101Kb / 1P
SIM CARD CONNECTOR
SCCP-08-SG-SMT ADAM-TECH-SCCP-08-SG-SMT Datasheet
109Kb / 1P
SIM CARD CONNECTOR
SCCP-10-SG-SMT ADAM-TECH-SCCP-10-SG-SMT Datasheet
99Kb / 1P
SIM CARD CONNECTOR
logo
Wurth Elektronik GmbH &...
693043020611 WURTH-693043020611 Datasheet
452Kb / 3P
NANO SIM - PUSH & PULL TYPE - 6 PINS
logo
Molex Electronics Ltd.
2007660111 MOLEX1-2007660111_19 Datasheet
51Kb / 1P
Combo 3-in-2 (Nano-SIM and microSD or Dual Nano-SIM Connector, 1.37mm Height
logo
Global Connector Techno...
SIM8051 GCT-SIM8051 Datasheet
244Kb / 3P
Nano SIM Card Connector Push-Pull Type, 6 Pin, SMT, Profile 1.35mm
28th April 2015
SIM8060 GCT-SIM8060 Datasheet
263Kb / 4P
Nano SIM Card Connector Hinged Type,SMT,6Pin, 1.43mm Profile
6th September 2018
logo
ATTEND Technology Inc.
115S-BS00 ATTEND-115S-BS00 Datasheet
319Kb / 5P
Nano SIM Socket, Dual Card Tray Eject Type, 30u"
2021/04/21
115S ATTEND-115S Datasheet
523Kb / 8P
Nano SIM Card Socket, Bar Push, 8u" Gold
2019/01/21
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com