Electronic Components Datasheet Search
  English  ▼

X  

FO-BC-R-DC3 Datasheet(PDF) 12 Page - Japan Aviation Electronics Industry, Ltd.

Part # FO-BC-R-DC3
Description  Outdoor Use Waterproof I/O Connectors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

FO-BC-R-DC3 Datasheet(HTML) 12 Page - Japan Aviation Electronics Industry, Ltd.

Back Button FO-BC-R-DC3 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. FO-BC-R-DC3 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. FO-BC-R-DC3 Datasheet HTML 10Page - Japan Aviation Electronics Industry, Ltd. FO-BC-R-DC3 Datasheet HTML 11Page - Japan Aviation Electronics Industry, Ltd. FO-BC-R-DC3 Datasheet HTML 12Page - Japan Aviation Electronics Industry, Ltd. FO-BC-R-DC3 Datasheet HTML 13Page - Japan Aviation Electronics Industry, Ltd. FO-BC-R-DC3 Datasheet HTML 14Page - Japan Aviation Electronics Industry, Ltd. FO-BC-R-DC3 Datasheet HTML 15Page - Japan Aviation Electronics Industry, Ltd. FO-BC-R-DC3 Datasheet HTML 16Page - Japan Aviation Electronics Industry, Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
MB-0226-2
12/23
JAE PMK Div. Proprietary. Copyright © 2013, Japan Aviation Electronics Industry, Ltd.
Ordering Information
FO-BH
■ Plug Harness
■ Receptacle
R: Receptacle
Number of Fibers
1: 1 Optical fiber
2: 2 Optical fibers
Shell Size 10SL
Marking Color
SM: Yellow
SM-WH: White
MM: Green
Series FO-BH
FO-BH * -10SL R -*
Cable No.
Overall length (in m)
Pigtail Connector
P: FO-BH Plug
LC: FO-LC Plug
SC: FO-SC Plug
FC: FO-FC Plug
Series FO-BH
P: FO-BH Plug
Shell size S: 10SL
H: Harness Products
Modification Code
Polish
P: PC Polished
A: AdPC Polished
FO-BH * S P * -H * * -*M - *
Number of Fibers
1: 1 Optical fibers
2: 2 Optical fibers
Type
Part Number
SJ Drawing
Specification
Receptacle
No. of
Fibers
1
Yellow
FO-BH1-10SLR-SM
SJ109157
JACS-70076-1
Green
FO-BH1-10SLR-MM
White
FO-BH1-10SLR-SM-WH
No. of
Fibers
2
Yellow
FO-BH2-10SLR-SM
SJ109158
Green
FO-BH2-10SLR-MM
White
FO-BH2-10SLR-SM-WH
Plug Harness
Please contact us
Receptacle
LC conversion
adapter
For SMF
FO-BH-ADLC-SM
SJ110822
JACS-70114
For MMF
FO-BH-ADLC-MM
SJ110823
Waterproof Cap for Receptacle
FO-BH-10SLR-DC1
SJ109462
JACS-70084
Waterproof Cap for Plug
FO-BH-10SLP-DC1
SJ110707
JACS-70109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com