Electronic Components Datasheet Search
  English  ▼

X  

SJ101309 Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # SJ101309
Description  Compact Waterproof Connectors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

SJ101309 Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  SJ101309 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. SJ101309 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. SJ101309 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MB-0118-2
2/3
JAE PMK Div. Proprietary. Copyright © 2006,Japan Aviation Electronics Industry, Ltd.
Materials and Finishes
Components
Material
Finishes
1 Socket contact
Copper alloy
Au plating
2 Socket insulator 1
Synthetic resin
----------------
3 Socket insulator 2
Synthetic resin
----------------
4 Hood
Synthetic resin
----------------
5 Grand nut
Synthetic resin
----------------
6 Gasket
Synthetic rubber
----------------
7 Bushing
Synthetic rubber
----------------
8 Gasket for screw
Synthetic rubber
----------------
9 Screw
Steel
Ni plating
Ordering Information
JN5 C W 06 U J 1
Series
Connector type
C: Receptacle
F: Angle plug
Modification code
Contact size
J: #18 size
Connection method
U: Straight through-hole
S: Crimp socket
No. of contact
Shell size
Type
Part Number
Remark
1
Receptacle (6pos.)
JN5CW06UJ1
For power Straight through-hole type
2
Angle plug (6pos.)
JN5FW06SJ1
For power Crimp socket type
Type
Part Number
Remark
1
Socket contact (alone)
ST-JN5-S-C1B-100-(A534G)
Alone (100 pcs.)
/ 6pos.for plug
2
Socket contact (reel)
ST-JN5-S-C1B-2500-(A534G)
Reel (3500 pcs.) / 6pos.for plug
Components
Material
Finishes
1 Bar contact
Copper alloy
Au plating
2 Earth contact
Copper alloy
Au plating
3 Insulator
Synthetic resin
----------------
4 Insulator cover
Synthetic resin
----------------
5 Screw with spring
Steel
Ni plating



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com