Electronic Components Datasheet Search
  English  ▼

X  

ST12 Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # ST12
Description  microSDTM Memory Card Connector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

ST12 Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  ST12 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. ST12 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. ST12 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. ST12 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. ST12 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
COMPONENTS PRODUCT INFORMATION
CONNECTOR
NEW
MB-0290-1
April 2015
JAE PMK Div. Proprietary. Copyright © 2015, Japan Aviation Electronics Industry, Ltd.
1/5
No. of Contacts: 10 pos.
Contact Resistance:
100m
 max. (initial value)
Dielectric Withstanding Voltage:
AC500Vr.m.s. for 1 minute
Operating Temperature:
-25 Deg. C to +85 Deg. C
ST12 Series
microSDTM Memory Card Connector
Push-push type connector compatible with microSDTM card specified by SDA.
1.4mm height, 13.7mm width, and 15.3mm depth (depth including card: 16.7mm).
Good operability with 0.7mm push stroke, 3.8mm card eject length.
Card insertion detection structure (D-SW), normally open type.
Balanced EMI countermeasure with 7 hold-down points.
Structure to prevent the card from popping out.
Outer-lead type for easy checking and reworking.
Pb-free, halogen-free compliant product.
Supports automated mounting with an embossed tape.
Rated Current: 0.5A / terminal
Rated Voltage: 10V / terminal
Lifetime: 10,000 times
RoHS Compliant
Outline
Smartphones and tablet PCs that equip microSDTM cards are increasing.
The ST12 Series are push-push type connectors compatible with the microSDTM card,
specified by SDA as a compact card for various hand-held devices.
*microSDTM is a trademark of SD Card Association.
Features
General Specifications


Similar Part No. - ST12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ST120-100L2KI VISHAY-ST120-100L2KI Datasheet
116Kb / 6P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
ST120-100L2MI VISHAY-ST120-100L2MI Datasheet
116Kb / 6P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
ST120-25T1KI VISHAY-ST120-25T1KI Datasheet
116Kb / 6P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
ST120-25T1MI VISHAY-ST120-25T1MI Datasheet
116Kb / 6P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
logo
STMicroelectronics
ST1200 STMICROELECTRONICS-ST1200 Datasheet
277Kb / 13P
Memory Micromodules General Information for D1, D2 and C Packaging
Dec-1999
More results

Similar Description - ST12

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
47457-8001 MOLEX-47457-8001 Datasheet
129Kb / 2P
miniSD Memory Card Connector
logo
ALPS ELECTRIC CO.,LTD.
SCDA ALPS-SCDA Datasheet
2Mb / 7P
Connector for SD Memory Card
SCDB ALPS-SCDB Datasheet
136Kb / 3P
Combine Type Connector (for SD Memory Card, MultiMediaCard?? Memory Stick??
SCDE ALPS-SCDE Datasheet
167Kb / 3P
Combine Type Connector (for SD Memory Card, MultiMediaCard?? Memory Stick?? xD-Picture Card??
SCHG ALPS-SCHG Datasheet
374Kb / 3P
Combine Type Connector (for SIM Card 8pins, microSDTM Card)
logo
Japan Aviation Electron...
ST9S008V4A JAE-ST9S008V4A Datasheet
181Kb / 4P
microSDTM Memory Card Connector
ST10 JAE-ST10 Datasheet
377Kb / 4P
microSDTM Small Memory Card Connector
ST11-H JAE-ST11-H Datasheet
276Kb / 4P
microSD Memory Card Connector
ST1-G-T JAE-ST1-G-T Datasheet
291Kb / 4P
microSDTM Small Memory Card Connector
logo
Apacer Technology Inc.
SU220-CFAST APACER-SU220-CFAST Datasheet
677Kb / 5P
flash memory card
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com