Electronic Components Datasheet Search
  English  ▼

X  

WP6 Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # WP6
Description  0.4mm Pitch, Stacking Type Board-to-Board Connector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

WP6 Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  WP6 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. WP6 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. WP6 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. WP6 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. WP6 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. WP6 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. WP6 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. WP6 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MB-0230-2
JAE PMK Div. Proprietary. Copyright © 2014, Japan Aviation Electronics Industry, Ltd.
2/8
Materials and Finishes
Component
Material / Finish
Contact
Contact area: Cu alloy / Au plating (0.1 µm min.)
Mounting area: Cu alloy / Au plating (0.05 µm min.)
Insulator
Heat-resistant plastic
Hold-Down
Plug: Cu alloy / Au plating (0.1µm min.)
Receptacle: Cu alloy / Sn plating
Ordering Information (Plug)
WP6 - P *** V A * - R****
Modification Code
1: Height 0.6mm, Standard Product
2: Height 0.8mm, Standard Product
E: Height 0.6mm, Inspection Jig Product
E2: Height 0.8mm, Inspection Jig Product
Series
No. of Contacts
Reeled Part Number (Note 1)
R6000: For Standard Product
R300: For Inspection Jig Product
Finish A: Au plating
Connection Type V: Stacking
Contact Shape
P: Plug
Ordering Information (Receptacle)
Note 1) An embossed tape reel contains 6,000 pieces of standard product, or 300 pieces
of inspection jig product. Please contact us for details on embossed tape specifications.
WP6 - S *** V A * - R****
Series
No. of Contacts
Finish A: Au plating
Connection Type V: Stacking
Contact Shape
S: Receptacle
Modification Code
1: Height 0.6mm, Standard Product
2: Height 0.8mm, Standard Product
E: Height 0.6mm, Inspection Jig Product
E2: Height 0.8mm, Inspection Jig Product
Reeled Part Number (Note 1)
R6000: For Standard Product
R300: For Inspection Jig Product



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com