Electronic Components Datasheet Search
  English  ▼

X  

WP9 Datasheet(PDF) 5 Page - Japan Aviation Electronics Industry, Ltd.

Part # WP9
Description  0.4mm Pitch, Stacking Type Board-to-Board (FPC) Connector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

WP9 Datasheet(HTML) 5 Page - Japan Aviation Electronics Industry, Ltd.

  WP9 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. WP9 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. WP9 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. WP9 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. WP9 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. WP9 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MB-0245-3
JAE PMK Div. Proprietary. Copyright © 2014, Japan Aviation Electronics Industry, Ltd.
5/6
Technical Documents
Series
WP9
Drawing Number
(Plug)
Individual Product: SJ111859
Embossed Reel: SJ111860
Drawing Number
(Receptacle)
Individual Product: SJ111861
Embossed Reel: SJ111862
Specification
JACS-10819
Handling Instruction
JAHL-10819
Summary Report
SR-C-1132



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com