Electronic Components Datasheet Search
  English  ▼

X  

WP21 Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # WP21
Description  0.35mm Pitch, Stacking Type Board-to-Board (FPC) Connector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

WP21 Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  WP21 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. WP21 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. WP21 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. WP21 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. WP21 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
COMPONENTS PRODUCT INFORMATION
CONNECTOR
NEW
MB-0288-1
March 2015
JAE PMK Div. Proprietary. Copyright © 2015, Japan Aviation Electronics Industry, Ltd.
1/5
RoHS Compliant
Plug
Receptacle
0.35mm pitch, 2 rows, 0.6mm stacking height.
2-point contact design to resist twisting stress.
Improved workability for customers with a clear click feeling.
Contact structure ensures high wear-resistance and high contact reliability.
Pb-free. (Ni barrier on contact prevents solder wicking.)
No. of Contacts:
10, 20, 22, 24, 30, 34, 40, 42,
46, 54 pos.
Pitch: 0.35mm, 2 rows
Operating Temperature:
-40 Deg. C to +85 Deg. C
Contact Resistance:
70mΩ max (initial)
Life Time: 30 mating cycles
Rated Current:
AC, DC 0.3A each per terminal
Rated Voltage: AC, DC 50V
Insulation Resistance: 100M Ω min. (initial)
Dielectric Withstanding Voltage:
AC250Vr.m.s for 1 minute
Total Insertion Force:
1.5N x n max. (n: No. of pos.)
Total Extraction Force:
0.15N x n min. (n: No. of pos.)
Outline
The WP21 Series is a space-saving low-profile stacking type board-to-board (FPC)
connector with 0.35mm pitch spacing that is ideal for high-density mounting in slim and
compact information communication devices like mobile phones, and smartphones.
The WP21 achieves to minimize more than 10% mounting space compared to our
existing product (WP9 Series) and contributes to save board space and also enhances
design flexibility for customers.
WP21 Series
0.35mm Pitch, Stacking Type Board-to-Board (FPC) Connector
Features
General Specifications


Similar Part No. - WP21

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
WP21CCT KNIGHTSBRIDGE-WP21CCT Datasheet
204Kb / 2P
230V IP65 IK08 21W LED Polycarbonate Wall Fitting - CCT
11/06/2024
More results

Similar Description - WP21

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
AA07 JAE-AA07 Datasheet
449Kb / 7P
0.4mm Pitch, Stacking Type Board-to-Board(FPC) Connector
WP7 JAE-WP7 Datasheet
433Kb / 7P
0.4mm Pitch, Stacking Type Board-to-Board (FPC) Connector
WP7A-S030VA1 JAE-WP7A-S030VA1 Datasheet
433Kb / 7P
0.4mm Pitch, Stacking Type Board-to-Board (FPC) Connector
WP6C JAE-WP6C Datasheet
406Kb / 5P
0.4mm Pitch, Stacking Type Board-to-board Connector
WP9 JAE-WP9 Datasheet
676Kb / 6P
0.4mm Pitch, Stacking Type Board-to-Board (FPC) Connector
WP10 JAE-WP10 Datasheet
898Kb / 7P
Stacking Type Board-to-Board (FPC) Connector
WP25D JAE-WP25D Datasheet
562Kb / 5P
0.35mm Pitch, Stacking Type Board-to-Board (FPC) Connector
WP26 JAE-WP26 Datasheet
463Kb / 5P
0.35mm Pitch, Stacking Type Board-to-Board (FPC) Connector
WP26D JAE-WP26D Datasheet
485Kb / 5P
0.35mm Pitch, Stacking Type Board-to-Board (FPC) Connector
WP27D JAE-WP27D Datasheet
485Kb / 5P
0.35mm Pitch, Stacking Type Board-to-Board (FPC) Connector
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com