Electronic Components Datasheet Search
  English  ▼

X  

WP26 Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # WP26
Description  0.35mm Pitch, Stacking Type Board-to-Board (FPC) Connector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

WP26 Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  WP26 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. WP26 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. WP26 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. WP26 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. WP26 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MB-0307-1
JAE PMK Div. Proprietary. Copyright © 2016, Japan Aviation Electronics Industry, Ltd.
2/5
Component
Material
Contact
(Contact area) Copper alloy / Au plating
(Mounting area) Copper alloy / Au plating
Insulator
Heat-resistant Plastic
Hold-down
Plug Side: Copper alloy / Au plating
Receptacle Side: Copper alloy / Au plating
WP26 - P *** V A * - R*****
WP26 - S *** V A * - R*****
Components and Materials
Ordering Information (Plug)
Ordering Information (Receptacle)
Modification Code
Series
No. of Contacts
Reeled Part Number (Note 1)
(R15000)
Finish A: Au plating
Connection Type V: Stacking
Contact Shape
P: Plug
Modification Code
Series
No. of Contacts
Reeled Part Number (Note 1)
(R15000)
Finish A: Au plating
Connection Type V: Stacking
Contact Shape
S: Receptacle
Note 1) An embossed tape reel contains 15,000 pieces.
Please contact us for details on embossed tape specifications.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com