Electronic Components Datasheet Search
  English  ▼

X  

FO-MC2H2AS Datasheet(PDF) 3 Page - Japan Aviation Electronics Industry, Ltd.

Part # FO-MC2H2AS
Description  Small Waterproof Optical Multi Pin Push-Pull Connector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

FO-MC2H2AS Datasheet(HTML) 3 Page - Japan Aviation Electronics Industry, Ltd.

  FO-MC2H2AS Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. FO-MC2H2AS Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. FO-MC2H2AS Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. FO-MC2H2AS Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. FO-MC2H2AS Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. FO-MC2H2AS Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MB-0131-3
3/6
JAE PMK Div. Proprietary. Copyright © 2006,Japan Aviation Electronics Industry, Ltd.
Harness Shape
B: Both sides
A: One end
Receptacle
Plug
Color code(Boots color)
1 : Black
2 : Blue
3 : Red
4 : Yellow
FO-MC
2H2
D S
*
Series: FO-MC
FO-MC2H2DS* 
B  P  **  *
Fiber length
SM: Single Mode Fiber
M5:Multi mode fiber (GI50)
M6: Multi mode fiber(GI62.5)
Fiber length
1: 1M
5: 5M
Polished Finishes
P:PC Polish
A:AdPC Polish
Plug:
Harness
FO-MC2H2AS 
B  *  P  ** 
**
Receptacle
Part Number
Harness shape
B: Both sides
A: One end
Fiber length
SM: Single Mode Fiber
M5:Multi mode fiber (GI50)
M6: Multi mode fiber(GI62.5)
Fiber length
05: 50CM
1: 1M
5: 5M
Polished Finishes
P: PC Polish
A: AdPC Polish
Receptacle:
Harness
Other end Connector
S:SC Connector
FO-MC   2H2
A S
Series:FO-MC
Shell size
S: Inner diameter of mating
area: 10mm dia.
Connection shape
A: Panel attachment
receptacle (square flange)
No. of Contacts:
2H2: Two optical contacts
No. of Contacts:
Two optical contacts
Connection shape
D: Straight plug
Shell size
S: Outer diameter of mating
area: 10mm dia.
Plug
Ordering Information



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com