Electronic Components Datasheet Search
  English  ▼

X  

MX49 Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # MX49
Description  Automotive USB 2.0 Standard Compatible Connector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

MX49 Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  MX49 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. MX49 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. MX49 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. MX49 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. MX49 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. MX49 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
JAE Connector 3rd Sales Div. Proprietary.
Copyright © 2012,Japan Aviation Electronics Industry, Ltd.
MB-0252-1
2/6
■Angle Pin Connector
Materials and Finishes
■Socket Connector
DIP Type: Copper alloy / Sn plating
Reflow Type: Brass / Sn plating
Shield Shell
Copper alloy / Sn plating
Ground Terminal
DIP Type: SPS-GF30
Reflow Type: LCP-GF35
Internal Housing
DIP Type: SPS-GF30
Reflow Type: PPS-GF40
External Housing
Brass /
Contact Area: Au plating over Ni
Board Termination Area: Sn plating
Signal / Power Terminal
Material / Finish
Component
Brass / Sn plating
Cover Shell
Sleeve
Copper alloy / Sn plating
Ground Terminal
LCP-GF35
Internal Housing
Holder
PBT
External Housing
Retainer
Copper alloy /
Contact Area: Au plating over Ni
Wire Termination Area: Sn plating
Signal / Power Terminal
Material / Finish
Component



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com