Electronic Components Datasheet Search
  English  ▼

X  

MX50 Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # MX50
Description  Automotive HDMI
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

MX50 Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  MX50 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. MX50 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. MX50 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. MX50 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. MX50 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. MX50 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. MX50 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
COMPONENTS PRODUCT INFORMATION
CONNECTOR
NEW
MB-0242-2
August 2016
JAE PMK Div. Proprietary. Copyright © 2016, Japan Aviation Electronics Industry, Ltd.
1/7
MX50/53 Series
Automotive HDMI
•Number of Contacts: 19 position
•Contact Resistance: Contact area, 30m
max.; Shell area, 50mmax.
(amount of change from initial)
•Rated Voltage: AC500V (un-mated)
•Operating Temperature: -40 Deg. C to +85 Deg. C
•Rated Current: 0.5A per terminal
•Insulation Resistance: 100M
min. (un-mated)
•Applicable Board Thickness: 1.6mm
•Applicable Wire: Shielded twist pair wire (only for harness)
Recently for car interiors, the demand for infotainment devices such as blu-ray players
and connectivity with digital portable devices like smartphones has been increasing. To
meet this demand, JAE has developed the MX50/53 Series HDMI connector for
automotive applications, and now a new Type A Inline Connector (Angle Type) has been
added to enhance the line-up.
The MX50/53 Series is a connector compatible with the HDMI standard Type E which
was standardized for automotive applications. The connector is designed to satisfy high-
speed transmission performance while taking into account automotive use requirements,
and it achieves both mechanical and environment suitability through features such as
exclusively developed shielded wires.
**HDMI: High-Definition Multimedia Interface, trademark of HDMI Licensing, LLC.
- 1.5mm horizontal pitch, 2-row, 19 position. (Type E)
- Impedance matching design, compatible with high-speed transmission.
- Mechanical lock to resist twisting in the mated connector. (Type E)
- HDMI Type A inline product is also available.
- Supplied as a harness product to ensure transmission performance reliability.
Plug Connector
(Type E)
MX50019FQ1
Receptacle Connector
(Type E)
MX50019NQ1
Features
General Specifications
RoHS Compliant
Inline Connector
(Straight Type)
(Type A)
MX53019MB1
Inline Connector
(Angle Type)
(Type A)
MX53B19MB1


Similar Part No. - MX50

ManufacturerPart #DatasheetDescription
logo
Caddock Electronics, In...
MX500 CADDOCK-MX500 Datasheet
555Kb / 1P
MX500 Series Precision High Voltage Resistors
logo
Japan Aviation Electron...
MX50019NQ1 JAE-MX50019NQ1 Datasheet
125Kb / 2P
Automotive HDMI Type E Connector, 19 pos., Receptacle, With Flange
logo
MPS Industries, Inc.
MX5011 MPSIND-MX5011 Datasheet
163Kb / 1P
MEDICAL GRADE COMMON MODE CHOKE
MX5011-101 MPSIND-MX5011-101 Datasheet
163Kb / 1P
MEDICAL GRADE COMMON MODE CHOKE
MX5011-24 MPSIND-MX5011-24 Datasheet
163Kb / 1P
MEDICAL GRADE COMMON MODE CHOKE
More results

Similar Description - MX50

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMDS141 TI-TMDS141 Datasheet
722Kb / 28P
HDMI HIDER
logo
Silicon image
SII9024A SILICONIMAGE-SII9024A Datasheet
1Mb / 2P
HDMI Transmitter
logo
Qualtek Electronics Cor...
1721001-03 QUALTEK-1721001-03 Datasheet
443Kb / 1P
HDMI/M - HDMI/M
1721005-06 QUALTEK-1721005-06 Datasheet
443Kb / 1P
HDMI/M - HDMI/M
1721009-10 QUALTEK-1721009-10 Datasheet
443Kb / 1P
HDMI/M - HDMI/M
1721013-16 QUALTEK-1721013-16 Datasheet
441Kb / 1P
HDMI/M - HDMI/M
1721017-30 QUALTEK-1721017-30 Datasheet
444Kb / 1P
HDMI/M - HDMI/M
logo
ESS Technology,Inc
ES7120 ESS-ES7120 Datasheet
44Kb / 2P
HDMI Transmitter
logo
Adam Technologies, Inc.
HDMI-S-V-SMT-MF-WOB-15 ADAM-TECH-HDMI-S-V-SMT-MF-WOB-15 Datasheet
86Kb / 1P
HDMI CONNECTOR
logo
CUI INC
HD04-19-TH-TR CUI-HD04-19-TH-TR Datasheet
453Kb / 4P
HDMI RECEPTACLE
09/29/2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com