Electronic Components Datasheet Search
  English  ▼

X  

MX62 Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # MX62
Description  USB3.0 High-speed Transmission Connector for Automotive
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

MX62 Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  MX62 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. MX62 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. MX62 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. MX62 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. MX62 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
COMPONENTS PRODUCT INFORMATION
CONNECTOR
NEW
MB-0298-1
2015/7/27
JAE PMK Div. Proprietary. Copyright © 2015, Japan Aviation Electronics Industry, Ltd.
1/5
2.0mm side pitch, 2 row 10 contact type.
High-speed impedance matching design, compatible with USB 3.0 transmission
specification.
Differential line compatible with 5Gbps equivalent: 2 pair, differential line compatible
with 480Mbps equivalent: 1 pair
Compatible not only with USB 3.0 but also with other high-speed transmissions.
Adopts double metal shell shielding structure for EMI control.
Robust design with consideration for automotive on-board use.
In-line type is also available with consideration for cable wiring routing.
Available as a completed harness to ensure transmission performance reliability.
No. of Contacts: 10 pos.
Operating Temperature:
-40 Deg. C to +85 Deg. C
Contact Resistance:
8mΩ max. (initial)
Insulation Resistance:
100MΩ min. (when mated)
Rated Current:
2.2A (power / GND line)
Dielectric Withstanding Voltage:
AC 1,000V
(applied for 1 minute when mated)
Applicable Board: 1.6 mm
Applicable Wire: Shielded Twist Pair Cable
(Sold only as a harness product)
MX62 Series
USB3.0 High-speed Transmission Connector for Automotive
Along with the spread of USB 3.0 compatible devices in the consumer products market,
recently, the users considering applications using USB 3.0 are increasing for automotive
infotainment applications.
To meet these demands, the MX62 Series has been developed to comply with USB3.0 for
automotive applications.
The MX62 Series is a connector compatible with USB3.0 transmission specifications,
designed to satisfy 5Gbps high-speed; achieving both mechanical and environmental
performances for requirements used for automotive application.
Also it adopts shielded wires exclusively developed for automotive applications.
Right Angle Pin Connector Socket Connector
In-line connector
Features
General Specifications
RoHS Compliant


Similar Part No. - MX62

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
MX62010HQ1R100 JAE-MX62010HQ1R100 Datasheet
134Kb / 2P
Automotive Connector, USB3.0 High-speed transmission, 10 pos., pitch 2.0 mm, 2 row, PCB side connector
MX62010HQ2R100 JAE-MX62010HQ2R100 Datasheet
114Kb / 2P
Automotive Connector, USB3.0 High-speed transmission, 10 pos., pitch 2.0 mm, 2 row, PCB side connector
MX62010HQ3R100 JAE-MX62010HQ3R100 Datasheet
136Kb / 2P
Automotive Connector, USB3.0 High-speed transmission, 10 pos., pitch 2.0 mm, 2 row, PCB side connector
MX62010HQ4R100 JAE-MX62010HQ4R100 Datasheet
136Kb / 2P
Automotive Connector, USB3.0 High-speed transmission, 10 pos., pitch 2.0 mm, 2 row, PCB side connector
logo
List of Unclassifed Man...
MX623 ETC-MX623 Datasheet
59Kb / 6P
Line-Powered Call Progress Tone Detector
More results

Similar Description - MX62

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
JF08R0R041010MA JAE-JF08R0R041010MA Datasheet
109Kb / 4P
FFC Harness for High-speed Transmission
FI-X30HL-B JAE-FI-X30HL-B Datasheet
255Kb / 5P
Board-to-Cable Connector for High Speed Differential Transmission
logo
List of Unclassifed Man...
TM24RSG-5A-88 ETC2-TM24RSG-5A-88 Datasheet
411Kb / 5P
Modular Jack Connector for High-Speed Transmission
logo
Murata Manufacturing Co...
LXES2TBCC4-028 MURATA-LXES2TBCC4-028 Datasheet
155Kb / 2P
High-speed Transmission Line
LXES21DAA4-138 MURATA-LXES21DAA4-138 Datasheet
154Kb / 2P
High-speed Transmission Line
logo
Japan Aviation Electron...
FI-NX JAE-FI-NX Datasheet
1Mb / 10P
Board-to-Cable Connector for High-Speed Differential Transmission
HD JAE-HD Datasheet
691Kb / 8P
Board-to-Cable Connector for High-speed Transmission
JF04 JAE-JF04 Datasheet
360Kb / 5P
FFC Harness for High Speed Transmission
MX38 JAE-MX38 Datasheet
446Kb / 8P
Automotive High-speed Differential Transmission Compatible Connector
MX48 JAE-MX48 Datasheet
132Kb / 4P
Automotive High-speed Differential Transmission
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com