Electronic Components Datasheet Search
  English  ▼

X  

PF-CF Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # PF-CF
Description  Push-Pull, Easy Disconnection type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

PF-CF Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  PF-CF Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. PF-CF Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. PF-CF Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. PF-CF Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
COMPONENTS PRODUCT INFORMATION
CONNECTOR
NEW
1/4
MB-0130-2
July 2006
JAE PMK Div. Proprietary. Copyright © 2006,Japan Aviation Electronics Industry, Ltd.
Features
Push-Pull, Easy Disconnection type
PF/CF Series
General Specifications
Insertion loss: 2.0 dB max. (when mated with F07 type relay adaptor)---Note1,2
Operating temperature: -20 Deg. C to +70 Deg. C
Durability: 500 times
JIS C 5976 (IEC 61754-16)F07 compatible product
Push-pull lock mechanism; mating/ unmating is completed by just pushing/ pulling the
handle portion
Easy, one-hand operation of mating/ unmating by using the handle portion
Available in plastic fibers(2 mm dia. APF: 980/1000) and plastic clad fibers(2mm dia.
PCF cord, HPCF: 200/230)
Outline
The new series enables you to operate mating/ unmating easily, which is achieved
by push-pull lock mechanism by just using the handle portion. It is quite suitable for
space-limited application to save the handling space for the connectors.
Note1
Not including fiber transmission loss
Note2
Value for the cables assembled by JAE
Handle portion
CF-2D103-S
PF-2D103
RoHS Compliant


Similar Part No. - PF-CF

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
PF-1 MOLEX4-PF-1 Datasheet
239Kb / 2P
Perma-Fit??Thin-Wall multi Purpose Heat Shrink Tubing
PF-1 MOLEX4-PF-1 Datasheet
239Kb / 2P
Perma-Fit??Thin-Wall multi Purpose Heat Shrink Tubing
PF-1 MOLEX4-PF-1 Datasheet
239Kb / 2P
Perma-Fit??Thin-Wall multi Purpose Heat Shrink Tubing
PF-1 MOLEX4-PF-1 Datasheet
239Kb / 2P
Perma-Fit??Thin-Wall multi Purpose Heat Shrink Tubing
PF-1-1BK MOLEX4-PF-1-1BK Datasheet
239Kb / 2P
Perma-Fit??Thin-Wall multi Purpose Heat Shrink Tubing, 25.40mm (1.000") InsideDiameterAs SuppliedBlack1.22m
More results

Similar Description - PF-CF

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FP203 SANYO-FP203 Datasheet
144Kb / 4P
Push-Pull Circuits
logo
Rhombus Industries Inc.
T-1386 RHOMBUS-IND-T-1386 Datasheet
27Kb / 1P
Push-Pull Transformer
T-1442 RHOMBUS-IND-T-1442 Datasheet
31Kb / 1P
Push-Pull Transformer
07/6/01
logo
MPS Industries, Inc.
P6270XF MPSIND-P6270XF Datasheet
191Kb / 1P
PUSH-PULL TRANSFORMER
logo
Amphenol Corporation
00110930040 AMPHENOL-00110930040 Datasheet
2Mb / 36P
PUSH-PULL CONNECTORS
logo
AVX Corporation
006200167032800 AVX-006200167032800 Datasheet
2Mb / 36P
pUSH-pULL CONNECTORS
logo
List of Unclassifed Man...
HR10-10P-12S ETC1-HR10-10P-12S Datasheet
2Mb / 20P
Push-Pull Connectors
logo
Wurth Elektronik GmbH &...
693023010811 WURTH-693023010811 Datasheet
714Kb / 3P
MICRO SIM - PUSH & PULL TYPE - 8 PINS
693043020611 WURTH-693043020611 Datasheet
452Kb / 3P
NANO SIM - PUSH & PULL TYPE - 6 PINS
logo
VACUUMSCHMELZE GmbH & C...
T60402-C4615-X065 VACUUMSCHMELZE-T60402-C4615-X065 Datasheet
49Kb / 2P
Push Pull Transformer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com