Electronic Components Datasheet Search
  English  ▼

X  

OM7805AIH Datasheet(PDF) 4 Page - International Rectifier

Part # OM7805AIH
Description  ISOLATED HERMETIC TO-257AA FIXED VOLTAGE REGULATORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OM7805AIH Datasheet(HTML) 4 Page - International Rectifier

  OM7805AIH Datasheet HTML 1Page - International Rectifier OM7805AIH Datasheet HTML 2Page - International Rectifier OM7805AIH Datasheet HTML 3Page - International Rectifier OM7805AIH Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
3.3
205 Crawford Street, Leominster, MA 01453 USA (508) 534-5776 FAX (508) 537-4246
OM7800IH Series
TYPICAL APPLICATIONS
MECHANICAL OUTLINE
PIN CONNECTION
Fixed Output Regulator
Circuit For Increasing Output Voltage
High Output Current,
Adjustable Output Regulator,
Short Circuit Protected
7 To 30 Volts
.430
.410
.200
.190
.038 MAX.
.005
.120 TYP.
.537
.527
.665
.645
.420
.410
.150
.140
.750
.500
.100 TYP.
.035
.025
.045
.035
12 3
Note:
• Case is metal/hermetically sealed
• Isolated Tab
OM78XXIH
Isolated
Front View
Pin 1: Input
Pin 2: Ground
Pin 3: Output
Tab: Isolated
OM78XXH
Non-Isolated
Front View
Pin 1: Input
Pin 2: Ground
Pin 3: Output
Tab: Ground
Tab
INPUT
OUTPUT
0.1µF*
1µFt
OM7662SC
INPUT
OUTPUT
1µF
OM7662SC
2N6124
2N4398
1µF
R1
R
SC
INPUT
OUTPUT
OM7605SC
IQ
V
XX
VO = VXX (1+
) + IQ R2
R2
R1
R2
R1
1µF
0.1µF
OM7662SC
INPUT
OUTPUT
0.33µF
0.1µF
10K
-
+
LM741
*Increasing value of output capacitor improves
system transient response.
tRequired only if regulator is located an appreciable
distance from power supply filter.
OM78XX
OM78XX
OM78XX
OM78XX



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com