Electronic Components Datasheet Search
  English  ▼

X  

K4S563233F Datasheet(PDF) 1 Page - Samsung semiconductor

Part # K4S563233F
Description  2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S563233F Datasheet(HTML) 1 Page - Samsung semiconductor

  K4S563233F Datasheet HTML 1Page - Samsung semiconductor K4S563233F Datasheet HTML 2Page - Samsung semiconductor K4S563233F Datasheet HTML 3Page - Samsung semiconductor K4S563233F Datasheet HTML 4Page - Samsung semiconductor K4S563233F Datasheet HTML 5Page - Samsung semiconductor K4S563233F Datasheet HTML 6Page - Samsung semiconductor K4S563233F Datasheet HTML 7Page - Samsung semiconductor K4S563233F Datasheet HTML 8Page - Samsung semiconductor K4S563233F Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
K4S563233F - F(H)E/N/G/C/L/F
May 2004
1
Mobile-SDRAM
• 3.0V & 3.3V power supply.
• LVCMOS compatible with multiplexed address.
• Four banks operation.
• MRS cycle with address key programs.
-. CAS latency (1, 2 & 3).
-. Burst length (1, 2, 4, 8 & Full page).
-. Burst type (Sequential & Interleave).
• EMRS cycle with address key programs.
• All inputs are sampled at the positive going edge of the system
clock.
• Burst read single-bit write operation.
• Special Function Support.
-. PASR (Partial Array Self Refresh).
-. Internal TCSR (Temperature Compensated Self Refresh)
• DQM for masking.
• Auto refresh.
• 64ms refresh period (4K cycle).
• Commercial Temperature Operation (-25
°C ~ 70°C).
• Extended Temperature Operation (-25
°C ~ 85°C).
• 90Balls FBGA ( -FXXX -Pb, -HXXX -Pb Free).
FEATURES
The K4S563233F is 268,435,456 bits synchronous high data
rate Dynamic RAM organized as 4 x 2,097,152 words by 32 bits,
fabricated with SAMSUNG’s high performance CMOS technol-
ogy. Synchronous design allows precise cycle control with the
use of system clock and I/O transactions are possible on every
clock cycle. Range of operating frequencies, programmable
burst lengths and programmable latencies allow the same
device to be useful for a variety of high bandwidth and high per-
formance memory system applications.
GENERAL DESCRIPTION
ORDERING INFORMATION
- F(H)E/N/G : Normal/Low/Super Low Power, Extended Temperature(-25
°C ~ 85°C)
- F(H)C/L/F : Normal/Low/Super Low Power, Commercial Temperature(-25
°C ~ 70°C)
NOTES :
1. In case of 40MHz Frequency, CL1 can be supported.
2. Samsung are not designed or manufactured for use in a device or system that is used under circumstance in which human life is potentially at stake.
Please contact to the memory marketing team in samsung electronics when considering the use of a product contained herein for any specific pur
pose, such as medical, aerospace, nuclear, military, vehicular or undersea repeater use.
Part No.
Max Freq.
Interface
Package
K4S563233F-F(H)E/N/G/C/L/F60
166MHz(CL=3)
LVCMOS
90 FBGA Pb
(Pb Free)
K4S563233F-F(H)E/N/G/C/L/F75
133MHz(CL=3),111MHz(CL=2)
K4S563233F-F(H)E/N/G/C/L/F1H
111MHz(CL=2)
K4S563233F-F(H)E/N/G/C/L/F1L
111MHz(CL=3)*1
2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA


Similar Part No. - K4S563233F

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S56323LF SAMSUNG-K4S56323LF Datasheet
140Kb / 12P
2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4S56323LF-C SAMSUNG-K4S56323LF-C Datasheet
140Kb / 12P
2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4S56323LF-FE SAMSUNG-K4S56323LF-FE Datasheet
140Kb / 12P
2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4S56323LF-L SAMSUNG-K4S56323LF-L Datasheet
140Kb / 12P
2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4S56323LF-N SAMSUNG-K4S56323LF-N Datasheet
140Kb / 12P
2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
More results

Similar Description - K4S563233F

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S56323PF SAMSUNG-K4S56323PF Datasheet
143Kb / 12P
2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4S56323LF SAMSUNG-K4S56323LF Datasheet
140Kb / 12P
2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M563233E-M SAMSUNG-K4M563233E-M Datasheet
141Kb / 12P
2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4S64323LH SAMSUNG-K4S64323LH Datasheet
141Kb / 12P
512K x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M56323LE SAMSUNG-K4M56323LE Datasheet
141Kb / 12P
2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M563233G SAMSUNG-K4M563233G Datasheet
143Kb / 12P
2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M56323PG-F SAMSUNG-K4M56323PG-F Datasheet
145Kb / 12P
2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M28323PH-F SAMSUNG-K4M28323PH-F Datasheet
144Kb / 12P
1M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M513233C SAMSUNG-K4M513233C Datasheet
142Kb / 12P
4M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M283233H SAMSUNG-K4M283233H Datasheet
151Kb / 12P
1M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com