Electronic Components Datasheet Search
  English  ▼

X  

KA2192 Datasheet(PDF) 5 Page - Samsung semiconductor

Part # KA2192
Description  4 IN PUT A/V SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KA2192 Datasheet(HTML) 5 Page - Samsung semiconductor

  KA2192 Datasheet HTML 1Page - Samsung semiconductor KA2192 Datasheet HTML 2Page - Samsung semiconductor KA2192 Datasheet HTML 3Page - Samsung semiconductor KA2192 Datasheet HTML 4Page - Samsung semiconductor KA2192 Datasheet HTML 5Page - Samsung semiconductor KA2192 Datasheet HTML 6Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
KA2192
4 INPUT A/V SWITCH
OPERATING PRINCIPLE
ÀIn-output truth table of A/V switching IC for input switch conditions.
ÁSound mute switch
ÂGain switch
ÃTV polarity switch
SW INPUT
DECODER OUT
WOUND OUT
VIDEO OUT
Y & C OUT
CODE OUT
SW1
SW2
A
B
C
D
L-OUT
R-OUT
V-OUT
Y OUT
C OUT
MODE OUT
L
L
H
L
L
L
EXT2
EXT2
EXT2
-
-
2(V)
H
L
L
H
L
L
EXT1
EXT1
EXT1
-
-
2(V)
H
H
L
L
H
L
TV
TV
TV
-
-
0(V)
L
H
L
L
L
H
SUPER
SUPER
SUPER
S-Y
S-C
4(V)
L:0(V)
H:5(V)
L:0.8(V)
H:2.1(V)
SOUND MUTE S/W
=HIGH[5]
:SOUND OFF
TV
POLARITY
SW=H
AV= -1
GAIN SW
=H: 8dB
IF SW1(L)
SW2(H)
S-Y &S-C
OUT
FROM
EXT1,2:
2[V]
TV:0[V]
S-VHS:
4[V]
MUTEIN
SOUND-OUT
L-OUT
R-OUT
H [5V]
OFF
OFF
L [0V]
ON
ON
GAIN
SWITCH
H [5V]
8dB
L [0V]
6dB
TV
POLARITY
SWITCH
H [V
CC]
A
V= -1
L [GND]
A
V=1
6dB OR 8 dB
A
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com