Electronic Components Datasheet Search
  English  ▼

X  

HC49S Datasheet(PDF) 1 Page - IQD Frequency Products Ltd

Part # HC49S
Description  Quartz Crystal Specification
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IQD [IQD Frequency Products Ltd]
Direct Link  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

HC49S Datasheet(HTML) 1 Page - IQD Frequency Products Ltd

  HC49S Datasheet HTML 1Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
HC49S
Quartz Crystal Specification
ISSUE 1; January 2016
Outline (mm) HC49/4H
Outline (mm) = HC49-4HSMX
Description
IQD understand that HC49S has become an industry standard
abbreviation for the strip crystal version of the HC49 crystal.
IQD do offer this crystal type in various package types, please
see below for full details of IQD model names.
Then please search for the IQD model name on our website to
find the full specification or contact our Application Support
team for assistance.
HC49/4H
Standard leaded package type
HC49/3.5H
3.5mm height leaded package type
HC49/3H
3mm height leaded package type
HC49/2.5H
2.5mm height leaded package type
HC49/4H AUTO
Automotive version of the standard leaded
package type
HC49/4H SMX
Standard SMD package type
HC49/3.5HSMX
3.5mm height SMD package type
HC49/3HSMX
3mm height SMD package type
HC49/2.5HSMX
2.5mm height SMD package type
HC49/4HSMX AUTO
Automotive version of the SMD package
type
Frequency Parameters
Frequency
3.01MHz to 100.0MHz
See specific IQD model data sheet for full details.
Electrical Parameters
See specific IQD model data sheet for full details.
Operating Temperature Ranges
0 to 50°C
-10 to 60°C
-20 to 70°C
-30 to 80°C
-40 to 85°C
-55 to 105°C
-40 to 125°C
Environmental Parameters
See specific IQD model data sheet for full details.
Compliance
Compliant
RoHS Status (2011/65/EU)
Compliant
REACh Status
MSL Rating (JDEC-STD-033):
Not Applicable
Printed on 25 Apr 16 12:32 using Model Data Sheet V1.2550
Page 1 of 1
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com


Similar Part No. - HC49S

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
HC49S KSS-HC49S Datasheet
138Kb / 1P
Miniature Quartz Crystal Unit for Microprocessor Model HC-49/U-S
logo
Fox Electronics
HC49S FOX-HC49S Datasheet
42Kb / 1P
RESISTANCE WELD THRU-HOLE CRYSTAL
logo
Vanlong Technology Co.,...
HC49S VANLONG-HC49S Datasheet
32Kb / 1P
Low Profile Resistance Weld Crystal
HC49S VANLONG-HC49S Datasheet
46Kb / 1P
Low Profile Resistance Weld Crystal
logo
Transko Electronics, In...
HC49S TRANSKO-HC49S Datasheet
157Kb / 1P
STANDARD HC49/S THROUGH HOLE CRYSTAL (11.5 x 4.7 x 3.5mm)
REV.3 10-10-19
More results

Similar Description - HC49S

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
4SMX IQD-4SMX Datasheet
250Kb / 2P
Quartz Crystal Specification
91SMX IQD-91SMX Datasheet
146Kb / 2P
Quartz Crystal Specification
CFPX-98 IQD-CFPX-98 Datasheet
307Kb / 2P
Quartz Crystal Specification
CFPX-217 IQD-CFPX-217 Datasheet
209Kb / 2P
Quartz Crystal Specification
CFPX-218-AUTO IQD-CFPX-218-AUTO Datasheet
188Kb / 2P
Quartz Crystal Specification
CX1-AT IQD-CX1-AT Datasheet
162Kb / 3P
Quartz Crystal Specification
CX4-AT IQD-CX4-AT Datasheet
123Kb / 2P
Quartz Crystal Specification
HC49-2.5HSMX IQD-HC49-2.5HSMX Datasheet
624Kb / 2P
Quartz Crystal Specification
HC49-3.5HSMX IQD-HC49-3.5HSMX Datasheet
682Kb / 2P
Quartz Crystal Specification
HC49-4H IQD-HC49-4H Datasheet
486Kb / 3P
Quartz Crystal Specification
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com