Electronic Components Datasheet Search
  English  ▼

X  

BM2P034 Datasheet(PDF) 1 Page - Rohm

Part # BM2P034
Description  PWM type DC/DC converter IC Included 650V MOSFET
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM2P034 Datasheet(HTML) 1 Page - Rohm

  BM2P034 Datasheet HTML 1Page - Rohm BM2P034 Datasheet HTML 2Page - Rohm BM2P034 Datasheet HTML 3Page - Rohm BM2P034 Datasheet HTML 4Page - Rohm BM2P034 Datasheet HTML 5Page - Rohm BM2P034 Datasheet HTML 6Page - Rohm BM2P034 Datasheet HTML 7Page - Rohm BM2P034 Datasheet HTML 8Page - Rohm BM2P034 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Datasheet
○
Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays
.
1/18
TSZ02201-0F2F0A200070-1-2
24.Sep.2015.Rev.008
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・14・001
www.rohm.com
AC/DC Drivers
PWM type DC/DC converter IC
Included 650V MOSFET
BM2PXX4 Series
●
General
The PWM type DC/DC converter (BM2PXX4) for
AC/DC provide an optimum system for all products
that include an electrical outlet.
BM2PXX4 supports both isolated and non-isolated
devices, enabling simpler design of various types of
low-power electrical converters.
BM2PXX4 built in a HV starter circuit that tolerates
650V, it contributes to low-power consumption.
With current detection resistors as external devices, a
higher degree of design freedom is achieved. Since
current mode control is utilized, current is restricted in
each cycle and excellent performance is demonstrated
in bandwidth and transient response.
The switching frequency is 65 kHz. At light load, the
switching frequency is reduced and high efficiency is
achieved.
A frequency hopping function is also on chip, which
contributes to low EMI.
We can design easily, because BM2PXX4 includes
the switching MOSFET.
●Basic specifications
Operating Power Supply Voltage Range:
VCC 8.9V to 26.0V DRAIN:~650V
Operating Current: Normal Mode
BM2P014: 0.950mA (Typ.)
BM2P034: 0.775mA (Typ.)
BM2P054: 0.600mA (Typ.)
BM2P094: 0.500mA (Typ.)
Burst Mode: 0.400mA (Typ.)
Oscillation Frequency:
65kHz (Typ.)
Operating Temperature:
- 40
oC to +105 oC
MOSFET ON Resistance:
BM2P014: 1.4Ω (Typ,)
BM2P034: 2.4Ω (Typ,)
BM2P054: 4.0Ω (Typ,)
BM2P094: 8.5Ω (Typ,)
●
Features
PWM frequency : 65kHz
PWM current mode method
Burst operation when load is light
Frequency reduction function
Built-in 650V start circuit
Built-in 650V switching MOSFET
VCC pin under voltage protection
VCC pin overvoltage protection
SOURCE pin Open protection
SOURCE pin Short protection
SOURCE pin Leading-Edge-Blanking function
Per-cycle over current protection circuit
Soft start
Secondary Over current protection circuit
●Package
DIP7
9.20mm×6.35mm×4.30mm pitch 2.54mm
(Typ.)
(Typ.) (Typ.)
(Typ.)
●
Applications
AC adapters and household appliances (vacuum
cleaners, humidifiers, air cleaners, air conditioners, IH
cooking heaters, rice cookers, etc.)
●
Line Up
●Application circuit
AC
85-265Vac
FUSE
+
-
Filter
Diode
Bridge
ERROR
AMP
Figure 1.Application circuit


Similar Part No. - BM2P034

ManufacturerPart #DatasheetDescription
logo
Rohm
BM2P034 ROHM-BM2P034 Datasheet
954Kb / 19P
PWM type DC/DC converter IC Included 650V MOSFET
More results

Similar Description - BM2P034

ManufacturerPart #DatasheetDescription
logo
Rohm
BM2P014-E ROHM-BM2P014-E Datasheet
954Kb / 19P
PWM type DC/DC converter IC Included 650V MOSFET
BM2P011 ROHM-BM2P011 Datasheet
1Mb / 23P
PWM type DC/DC converter IC Included 650V MOSFET
BM2P012 ROHM-BM2P012 Datasheet
1Mb / 23P
PWM type DC/DC converter IC Included 650V MOSFET
BM2P013 ROHM-BM2P013 Datasheet
1,011Kb / 22P
PWM type DC/DC converter IC Included 650V MOSFET
BM2P039 ROHM-BM2P039 Datasheet
1Mb / 22P
PWM type DC/DC converter IC Included 650V MOSFET
BM2P051F ROHM-BM2P051F Datasheet
1Mb / 24P
PWM type DC/DC converter IC Included 650V MOSFET
BM2P0391 ROHM-BM2P0391 Datasheet
1Mb / 22P
PWM type DC/DC converter IC Included 650V MOSFET
BM2P053F ROHM-BM2P053F_17 Datasheet
1Mb / 23P
PWM type DC/DC converter IC Included 650V MOSFET
BM2P054F ROHM-BM2P054F_17 Datasheet
1Mb / 23P
PWM type DC/DC converter IC Included 650V MOSFET
BM2P074KF-G ROHM-BM2P074KF-G Datasheet
1Mb / 23P
PWM type DC/DC converter IC Included 800V MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com