Electronic Components Datasheet Search
  English  ▼

X  

P89LPC930 Datasheet(PDF) 50 Page - NXP Semiconductors

Part # P89LPC930
Description  8-bit microcontrollers with two-clock 80C51 core 4 kB/8 kB 3 V Flash with 256-byte data RAM
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC930 Datasheet(HTML) 50 Page - NXP Semiconductors

Back Button P89LPC930 Datasheet HTML 46Page - NXP Semiconductors P89LPC930 Datasheet HTML 47Page - NXP Semiconductors P89LPC930 Datasheet HTML 48Page - NXP Semiconductors P89LPC930 Datasheet HTML 49Page - NXP Semiconductors P89LPC930 Datasheet HTML 50Page - NXP Semiconductors P89LPC930 Datasheet HTML 51Page - NXP Semiconductors P89LPC930 Datasheet HTML 52Page - NXP Semiconductors P89LPC930 Datasheet HTML 53Page - NXP Semiconductors P89LPC930 Datasheet HTML 54Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 55 page
background image
Philips Semiconductors
P89LPC930/931
8-bit microcontrollers with two-clock 80C51 core
Product data
Rev. 05 — 15 December 2004
50 of 55
9397 750 14472
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Fig 18. SPI slave timing (CPHA = 1).
tCLCL
tSPICLKH
tSPICLKL
tSPILEAD
tSPICLKH
tSPICLKL
tSPILAG
tSPIDSU
tSPIDH
tSPIDH
tSPIDSU
tSPIR
tSPIA
tSPIOH
tSPIDIS
tSPIR
Slave MSB/LSB out
Not defined
MSB/LSB in
LSB/MSB in
Slave LSB/MSB out
tSPIDV
tSPIOH
tSPIDV
tSPIOH
tSPIDV
tSPIR
tSPIF
tSPIR
tSPIF
SS
SPICLK
(CPOL = 0)
(input)
002aaa159
SPICLK
(CPOL = 1)
(input)
MISO
(output)
MOSI
(input)
tSPIDSU
Fig 19. Shift register mode timing.
0
1
23
45
6
7
Valid
Valid
Valid
Valid
Valid
Valid
Valid
Valid
tXLXL
002aaa425
Set TI
Set RI
tXHQX
tQVXH
tXHDV
tXHDX
Clock
Output Data
Write to SBUF
Input Data
Clear RI
Fig 20. External clock timing.
tCHCL
tCLCX
tCHCX
tC
tCLCH
002aaa416
0.2 VDD + 0.9
0.2 VDD - 0.1 V
VDD - 0.5 V
0.45 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com