Electronic Components Datasheet Search
  English  ▼

X  

TC620HEOA Datasheet(PDF) 4 Page - Microchip Technology

Part # TC620HEOA
Description  5V, Dual Trip Point Temperature Sensors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC620HEOA Datasheet(HTML) 4 Page - Microchip Technology

  TC620HEOA Datasheet HTML 1Page - Microchip Technology TC620HEOA Datasheet HTML 2Page - Microchip Technology TC620HEOA Datasheet HTML 3Page - Microchip Technology TC620HEOA Datasheet HTML 4Page - Microchip Technology TC620HEOA Datasheet HTML 5Page - Microchip Technology TC620HEOA Datasheet HTML 6Page - Microchip Technology TC620HEOA Datasheet HTML 7Page - Microchip Technology TC620HEOA Datasheet HTML 8Page - Microchip Technology TC620HEOA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
TC620/TC621
DS20001439E-page 4
 2001-2015 Microchip Technology Inc.
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
TC620 PIN FUNCTION TABLE
TABLE 2-2:
TC621 PIN FUNCTION TABLE
Pin No.
(8-Pin PDIP)
(8-Pin SOIC)
Symbol
Description
1
NC
No Internal Connection.
2
LOW SET
Low temperature set point. Connect an external 1% resistor from LOW SET to VDD
to set trip point.
3
HIGH SET
High temperature set point. Connect an external 1% resistor from HIGH SET to
VDD to set trip point.
4
GND
Ground Terminal.
5
CONTROL
Control output.
6
HIGH LIMIT
High temperature push/pull output.
7
LOW LIMIT
Low temperature push/pull output.
8VDD
Power supply input.
Pin No.
(8-Pin PDIP)
(8-Pin SOIC)
Symbol
Description
1
THERMISTOR
Thermistor input.
2
HIGH SET
High temperature set point. Connect an external 1% resistor from HIGH SET to
VDD to set trip point.
3
LOW SET
Low temperature set point. Connect an external 1% resistor from LOW SET to
VDD to set trip point.
4
GND
Ground Terminal.
5
CONTROL
Control output.
6LOW LIMIT
Low temperature push/pull output.
7HIGH LIMIT
High temperature push/pull output.
8VDD
Power supply input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com