Electronic Components Datasheet Search
  English  ▼

X  

DSC2311KE1-R0002T Datasheet(PDF) 10 Page - Microchip Technology

Part # DSC2311KE1-R0002T
Description  Crystal-less??Configurable Two-Output Clock Generator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC2311KE1-R0002T Datasheet(HTML) 10 Page - Microchip Technology

Back Button DSC2311KE1-R0002T Datasheet HTML 6Page - Microchip Technology DSC2311KE1-R0002T Datasheet HTML 7Page - Microchip Technology DSC2311KE1-R0002T Datasheet HTML 8Page - Microchip Technology DSC2311KE1-R0002T Datasheet HTML 9Page - Microchip Technology DSC2311KE1-R0002T Datasheet HTML 10Page - Microchip Technology DSC2311KE1-R0002T Datasheet HTML 11Page - Microchip Technology DSC2311KE1-R0002T Datasheet HTML 12Page - Microchip Technology DSC2311KE1-R0002T Datasheet HTML 13Page - Microchip Technology DSC2311KE1-R0002T Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
DSC2311
DS20005611A-page 10
 2016 Microchip Technology Inc.
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
1.
2.
3.
Notes:
Pin 1 visual index feature may vary, but must be located within the hatched area.
Package is saw singulated
Dimensioning and tolerancing per ASME Y14.5M
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Microchip Technology Drawing C04-1005A Sheet 2 of 2
6-Lead Very Thin Dual Flatpack No-Leads (J7A) - 2.5x2.0 mm Body [VDFN]
Number of Terminals
Overall Height
Terminal Width
Overall Width
Terminal Length
Pitch
Standoff
Units
Dimension Limits
A1
A
b1
e
L2
E
N
0.825 BSC
0.665
0.60
0.80
0.00
0.65
0.765
0.85
0.02
2.00 BSC
MILLIMETERS
MIN
NOM
6
0.865
0.70
0.90
0.05
MAX
Overall Length
D
2.50 BSC
Terminal Length
L1
0.60
0.70
0.80
Terminal Width
b2
0.20
0.25
0.30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com