Electronic Components Datasheet Search
  English  ▼

X  

PA10 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PA10
Description  POWER OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PA10 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PA10 Datasheet HTML 1Page - List of Unclassifed Manufacturers PA10 Datasheet HTML 2Page - List of Unclassifed Manufacturers PA10 Datasheet HTML 3Page - List of Unclassifed Manufacturers PA10 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
ABSOLUTE MAXIMUM RATINGS
SPECIFICATIONS
SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
SUPPLY VOLTAGE, +V
S to –VS
100V
OUTPUT CURRENT, within SOA
5A
POWER DISSIPATION, internal
67W
INPUT VOLTAGE, differential
±V
S –3V
INPUT VOLTAGE, common mode
±V
S
TEMPERATURE, pin solder - 10s
300
°C
TEMPERATURE, junction1
200
°C
TEMPERATURE RANGE, storage
–65 to +150
°C
OPERATING TEMPERATURE RANGE, case –55 to +125
°C
PARAMETER
TEST CONDITIONS 2, 5
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT
OFFSET VOLTAGE, initial
T
C = 25°C
±2
±6
±1
±3mV
OFFSET VOLTAGE, vs. temperature
Full temperature range
±10
±65
*
±40
µV/°C
OFFSET VOLTAGE, vs. supply
T
C = 25°C
±30
±200
*
*
µV/V
OFFSET VOLTAGE, vs. power
T
C = 25°C
±20
*
µVW
BIAS CURRENT, initial
T
C = 25°C
1230
1020
nA
BIAS CURRENT, vs. temperature
Full temperature range
±50
±500
*
*
pA/
°C
BIAS CURRENT, vs. supply
T
C = 25°C.±10
*
pA/V
OFFSET CURRENT, initial
T
C = 25°C
±12
±30
±5
±10
nA
OFFSET CURRENT, vs. temperature
Full temperature range
±50
*
pA/
°C
INPUT IMPEDANCE, DC
T
C = 25°C
200
*
M
Ω
INPUT CAPACITANCE
T
C = 25°C3
*
pF
COMMON MODE VOLTAGE RANGE3
Full temperature range
±V
S–5
±V
S–3*
*
V
COMMON MODE REJECTION, DC3
Full temp. range, V
CM = ±VS –6V
74
100
*
*
dB
GAIN
OPEN LOOP GAIN at 10Hz
T
C = 25°C, 1KΩ load
110
*
dB
OPEN LOOP GAIN at 10Hz
Full temp. range, 15
Ω load
96
108
*
*
dB
GAIN BANDWIDTH PRODUCT @ 1MHz T
C = 25°C, 15Ω load
4
*
MHz
POWER BANDWIDTH
T
C = 25°C, 15Ω load
10
15
*
*
kHz
PHASE MARGIN
Full temp. range, 15
Ω load
20
*
°
OUTPUT
VOLTAGE SWING3
T
C = 25°C, IO = 5A
±V
S–8
±V
S–5
±V
S–6*
V
VOLTAGE SWING3
Full temp. range, I
O = 2A
±V
S–6*
V
VOLTAGE SWING3
Full temp. range, I
O = 80mA
±V
S–5*
V
CURRENT, peak
T
C = 25°C5
*
A
SETTLING TIME to .1%
T
C = 25°C, 2V step
2
*
µs
SLEW RATE
T
C = 25°C2
3
*
*
V/
µs
CAPACITIVE LOAD
Full temperature range, A
V = 1
.68
*
nF
CAPACITIVE LOAD
Full temperature range, A
V = 2.5
10
*
nF
CAPACITIVE LOAD
Full temperature range, A
V > 10
SOA
*
nF
POWER SUPPLY
VOLTAGE
Full temperature range
±10
±40
±45
*
*
±50
V
CURRENT, quiescent
T
C = 25°C
8
15
30
*
*
*
mA
THERMAL
RESISTANCE, AC, junction to case4
T
C = –55 to +125°C, F > 60Hz
1.9
2.1
*
*
°C/W
RESISTANCE, DC, junction to case
T
C = –55 to +125°C
2.4
2.6
*
*
°C/W
RESISTANCE, junction to air
T
C = –55 to +125°C30
*
°C/W
TEMPERATURE RANGE, case
Meets full range specifications
–25
+85
–55
+125
°C
PA10A
PA10
PA10 • PA10A
The internal substrate contains beryllia (BeO). Do not break the seal. If accidentally broken, do not crush, machine, or
subject to temperatures in excess of 850
°C to avoid generating toxic fumes.
CAUTION
NOTES:
*
The specification of PA10A is identical to the specification for PA10 in applicable column to the left.
1.
Long term operation at the maximum junction temperature will result in reduced product life. Derate internal power dissipation
to achieve high MTTF.
2.
The power supply voltage for all tests is
±40, unless otherwise noted as a test condition.
3.
+V
S and –VS denote the positive and negative supply rail respectively. Total VS is measured from +VS to –VS.
4.
Rating applies if the output current alternates between both output transistors at a rate faster than 60Hz.
5.
Full temperature range specifications are guaranteed but not tested.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com