Electronic Components Datasheet Search
  English  ▼

X  

PA12 Datasheet(PDF) 1 Page - Cirrus Logic

Part # PA12
Description  POWER OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA12 Datasheet(HTML) 1 Page - Cirrus Logic

  PA12 Datasheet HTML 1Page - Cirrus Logic PA12 Datasheet HTML 2Page - Cirrus Logic PA12 Datasheet HTML 3Page - Cirrus Logic PA12 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
1
FEATURES
• LOW THERMAL RESISTANCE — 1.4°C/W
• CURRENT FOLDOVER PROTECTION — NEW
• HIGH TEMPERATURE VERSION — PA12H
• EXCELLENT LINEARITY — Class A/B Output
• WIDE SUPPLY RANGE — ±10V to ±50V
• HIGH OUTPUT CURRENT — Up to ±15A Peak
APPLICATIONS
• MOTOR, VALVE AND ACTUATOR CONTROL
• MAGNETIC DEFLECTION CIRCUITS UP TO 10A
• POWER TRANSDUCERS UP TO 100kHz
• TEMPERATURE CONTROL UP TO 360W
• PROGRAMMABLE POWER SUPPLIES UP TO 90V
• AUDIO AMPLIFIERS UP TO 120W RMS
DESCRIPTION
The PA12 is a state of the art high voltage, very high
output current operational amplifier designed to drive resis-
tive, inductive and capacitive loads. For optimum linearity,
especially at low levels, the output stage is biased for class
A/B operation using a thermistor compensated base-emitter
voltage multiplier circuit. The safe operating area (SOA) can
be observed for all operating conditions by selection of user
programmable current limiting resistors. For continuous opera-
tion under load, a heatsink of proper rating is recommended.
The PA12 is not recommended for gains below –3 (inverting)
or +4 (non-inverting).
This hybrid integrated circuit utilizes thick film (cermet)
resistors, ceramic capacitors and semiconductor chips to
maximize reliability, minimize size and give top performance.
Ultrasonically bonded aluminum wires provide reliable inter-
connections at all operating temperatures. The 8-pin TO-3
package is hermetically sealed and electrically isolated. The
use of compressible isolation washers voids the warranty.
EQUIVALENT SCHEMATIC
�
�
�
�
�
�
�
��
��
��
��
��
��
��
���
���
���
���
�
POWER RATING
Not all vendors use the same method to rate the power han-
dling capability of a Power Op Amp. APEX rates the internal
dissipation, which is consistent with rating methods used by
transistor manufacturers and gives conservative results. Rating
delivered power is highly application dependent and therefore
can be misleading. For example, the 125W internal dissipation
rating of the PA12 could be expressed as an output rating of
250W for audio (sine wave) or as 440W if using a single ended
DC load. Please note that all vendors rate maximum power
using an infinite heatsink.
THERMAL STABILITY
APEX has eliminated the tendency of class A/B output
stages toward thermal runaway and thus has vastly increased
amplifier reliability. This feature, not found in most other Power
Op Amps, was pioneered by APEX in 1981 using thermistors
which assure a negative temperature coefficient in the quies-
cent current. The reliability benefits of this added circuitry far
outweigh the slight increase in component count.
EXTERNAL CONNECTIONS
���
��
���
���
���
��
���
����
���
���
��������
�
���
�
���
������
�
�
�
�
�
�
�
�
��������������������������������������������������������������
� � � � � � � � � � � � � � �
���������������������������
������������
8-PIN TO-3
PACKAGE STYLE CE


Similar Part No. - PA12

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA12 CIRRUS-PA12 Datasheet
326Kb / 5P
POWER OPERATIONAL AMPLIFIERS
PA12 CIRRUS-PA12 Datasheet
202Kb / 5P
Power Operational Amplifier
logo
List of Unclassifed Man...
PA12 ETC2-PA12 Datasheet
565Kb / 5P
Power Operational Amplifier
logo
Taoglas antenna solutio...
PA12 TAOGLAS-PA12 Datasheet
1,006Kb / 19P
2.4GHz Band Dielectric Ceramic PIFA SMT Antenna
logo
List of Unclassifed Man...
PA120T ETC2-PA120T Datasheet
80Kb / 4P
PA and PB Series Panel Protection Devices
More results

Similar Description - PA12

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM759 NSC-LM759 Datasheet
207Kb / 14P
Power Operational Amplifiers
logo
Cirrus Logic
PA02 APEX-PA02 Datasheet
262Kb / 4P
POWER OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA34 ETC-PA34 Datasheet
66Kb / 5P
POWER OPERATIONAL AMPLIFIERS
logo
Fairchild Semiconductor
UA759 FAIRCHILD-UA759 Datasheet
489Kb / 12P
POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA79 APEX-PA79 Datasheet
310Kb / 4P
POWER OPERATIONAL AMPLIFIERS
PA84 CIRRUS-PA84 Datasheet
210Kb / 5P
Power Operational Amplifiers
PA16 CIRRUS-PA16_09 Datasheet
349Kb / 7P
Power Operational Amplifiers
PA97DR_0912 CIRRUS-PA97DR_0912 Datasheet
582Kb / 6P
Power Operational Amplifiers
PA107DP CIRRUS-PA107DP_10 Datasheet
892Kb / 7P
Power Operational Amplifiers
PA162 APEX-PA162_10 Datasheet
789Kb / 6P
Power Operational Amplifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com