Electronic Components Datasheet Search
  English  ▼

X  

PCN1-M Datasheet(PDF) 3 Page - CUI INC

Part # PCN1-M
Description  DC-DC CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PCN1-M Datasheet(HTML) 3 Page - CUI INC

  PCN1-M Datasheet HTML 1Page - CUI INC PCN1-M Datasheet HTML 2Page - CUI INC PCN1-M Datasheet HTML 3Page - CUI INC PCN1-M Datasheet HTML 4Page - CUI INC PCN1-M Datasheet HTML 5Page - CUI INC PCN1-M Datasheet HTML 6Page - CUI INC PCN1-M Datasheet HTML 7Page - CUI INC PCN1-M Datasheet HTML 8Page - CUI INC PCN1-M Datasheet HTML 9Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
cui.com
date 07/26/2016
│ page 3 of 9
CUI Inc
│ SERIES: PCN1-M │ DESCRIPTION: DC-DC CONVERTER
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
reflow soldering
see reflow solder profile
245
°C
0
50
100
150
200
250
300
050100
150200
250300
Reflow Time (Seconds)
Notes:
1. Soldering paste: SHENMAO PF610-P (Sn/Ag/Cu)
2. Ramp up rate during preheat: 1.79°C/second (from 30°C~155°C)
3. Soaking temperature: 0.33°C/second (from 155°C~185°C)
4. Ramp up rate during reflow: 0.71°C/second (from 220°C~245°C)
5. Peak temperature: 245°C (10 seconds max), above 220°C 40 to 70 seconds
6. Ramp up rate during cooling: -1.75°C/second (from 220°C~150)
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
single output models: 0.54 x 0.36 x 0.29 [13.7 x 9.2 x 7.4 mm]
dual output models: 0.64 x 0.36 x 0.29 [16.2 x 9.2 x 7.4 mm]
inches
inches
case material
non-conductive black plastic
weight
single output models
dual output models
1.4
1.5
g
g
MECHANICAL DRAWING
PIN CONNECTIONS
PIN
Function
Single
1
-Vin
2
+Vin
3
No pin
4
-Vout
5
+Vout
6
No pin
7
No pin
8
NC
1
2 3 4
8
7 6 5
0.12(3.0) 0.300(7.62)
5-0.024(0.60)
0.100(2.54)
0.54(13.7)
0.39(9.8)
0.44(11.2)
0.100 [2.54]
0.300 [7.62]
0.050 [1.27]
Recommended PCB Layout
Top View
NC=no connection
Single output models
units: inches [mm]
tolerance: X.XX ±0.01 [±0.25]
X.XXX ±0.005 [±0.13]
pin section tolerance: ±0.002[±0.05]
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com